Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP21 Datasheet(PDF) 52 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 52 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 48Page - ams AG TDC-GP21 Datasheet HTML 49Page - ams AG TDC-GP21 Datasheet HTML 50Page - ams AG TDC-GP21 Datasheet HTML 51Page - ams AG TDC-GP21 Datasheet HTML 52Page - ams AG TDC-GP21 Datasheet HTML 53Page - ams AG TDC-GP21 Datasheet HTML 54Page - ams AG TDC-GP21 Datasheet HTML 55Page - ams AG TDC-GP21 Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
TDC-GP21
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
4-7
Table 4.1: ALU timings
un-calibrated
(disable Auto-
Cal.)
calibrated
Predivider
2.5 V
1.56 µs
3.0 µs
0
4.58 µs
1
7.58 µs
2
3.0 V
1.24 µs
2.75 µs
0
4.25 µs
1
7.26 µs
2
3.6 V
1.0 µs
2.54 µs
0
4.0 µs
1
7.0 µs
2
As soon as the data is available
from the output register the
interrupt flag is set (assumed that
the ALU interrupt is enabled, see
reg. 2, EN_INT). Further the load
pointer of the output register is
increased by 1 and points to the
next free memory. The actual
position of the load pointer can be
seen in the status register, bits 0
to 2.
Reading Data
Now the user can read the data sending
the opcode 10110ADR. With the next
16 clock cycles (un-calibrated data) or
32 clock cycles (calibrated data) the
TDC-GP21 will send the result, beginning
with the most significant bit (MSB). The
first rising edge of SCK resets the INTN
pin (interrupt).
a. Un-calibrated data format:
16 bit Signed integer in complements of
2. 1BIN = uncalibrated gate delay is
about 90 ps at 3.3 V and 25 °C.
Time = RES_X x 90 ps
b. Calibrated data format:
32 bit fixed-point number in
Example:
configuration
...
write reg1=’h014400
4 hits on channel 1,
calculate 1st Stop -Start
...
Initialize
...
while(Check interrupt flag)
write reg1=’h024400
calculate 2nd -Start
wait(4.6 µs)
write reg1=’h034400
calculate 3rd-Start
wait(4.6 µs)
write reg1=’h044400
calculate 4th-Start
wait(4.6 µs)
Now all Hit data are available from registers 0 to 3.
The load pointer value is 4.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com