Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP21 Datasheet(PDF) 55 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 55 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 51Page - ams AG TDC-GP21 Datasheet HTML 52Page - ams AG TDC-GP21 Datasheet HTML 53Page - ams AG TDC-GP21 Datasheet HTML 54Page - ams AG TDC-GP21 Datasheet HTML 55Page - ams AG TDC-GP21 Datasheet HTML 56Page - ams AG TDC-GP21 Datasheet HTML 57Page - ams AG TDC-GP21 Datasheet HTML 58Page - ams AG TDC-GP21 Datasheet HTML 59Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
Ultrasonic-Flow-Converter
TDC-GP21
4-10
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
and is done automatically with the right configuration. During calibration the TDC
measures one and two periods of the 4 MHz reference clock.
The calibrated result does not depend on temperature or supply voltage.
The measurement range is limited by size of the coarse counter:
tyy = Tref x 214 = 4.1ms @ 4MHz
The time interval between START and STOP is calculated with a 26 bit measurement
range.
Time (Condition)
Description
tph
2,5 ns (min.)
Minimum pulse width
tpl
2,5 ns (min.)
Minimum pulse width
tss
2*Tref
Start to Stop @
DIS_PHASESHIFT = 1
trr
2*Tref
Rising edge to rising edge
tff
2*Tref
Falling edge to falling edge
tva
4.6 µs (max.)
ALU start to data valid
tyy
4 ms (max)
Max. measurement range
Input circuitry
Each input separately can be set to be sensitive to rising or falling edg e. This is done in
register 0, bits 0 to 2. (NEG_START, NEG_STOP1).
Further all Start/Stop-inputs support a high active enable pin.
Note:
In case the Start-Stop interval is less than the lower limit tzz the TDC will ignore more and
more events the smaller it is. In no case there will be wrong results.
Figure 4.7
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com