Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP21 Datasheet(PDF) 40 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 40 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 36Page - ams AG TDC-GP21 Datasheet HTML 37Page - ams AG TDC-GP21 Datasheet HTML 38Page - ams AG TDC-GP21 Datasheet HTML 39Page - ams AG TDC-GP21 Datasheet HTML 40Page - ams AG TDC-GP21 Datasheet HTML 41Page - ams AG TDC-GP21 Datasheet HTML 42Page - ams AG TDC-GP21 Datasheet HTML 43Page - ams AG TDC-GP21 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
TDC-GP21
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
3-15
3.3
EEPROM
The TDC-GP21 has a 7x32 bit EEPROM. This EEPROM can be used to store the
configuration data together with the ID or version number. Only the following three actions
are possible:
Write configuration register content into the EEPROM
Transfer the EEPROM content into the configuration registers
Compare the configuration registers‘ content with the EEPROM content
Besides the ID it is not possible to read back the EEPROM. This gives customers the
possibility to program the chips by themselves and prohibit other to read back the
configuration.
For verification it is possible to compare the configuration register may be compare with
the EEPROM. Bit EEPROM_eq_CREG in the status register indicates whether the content is
equal or not.
The EEPROM has an internal error correction (Hamming code). It is possible
to detect and correct single bit errors,
to detect multi-bit errors without correction
Errors are indicated in the status register, bits EEPROM_Error (single bit) and
EEPROM_DED (double error detection).
*****With each read access/compare to the EEPROM the error bit is checked. In case
a single bit error is detected a refresh cycle is started automatically and the data is
restored.
The data retention of the EEPROM is > 10 years @ 85 °C without single or multiple
errors. With regular Compare_EEPROM commands (e.g. once per month) the data
retention can be extended unlimited.
Important Note:
If values are to be stored in the EEPROM it is mandatory to ensure that NO measurement is
running (neither ToF nor temperature nor calibration measurements). During measurement a
write access to the EEPROM is not permitted. The write access to the EEPROM takes about
300 ms. With no consideration, the EEPROM may be written with incorrect values. It may even
happen that adjustment values are overwritten which prevents proper operation of the TDC.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com