Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP21 Datasheet(PDF) 6 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 6 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 2Page - ams AG TDC-GP21 Datasheet HTML 3Page - ams AG TDC-GP21 Datasheet HTML 4Page - ams AG TDC-GP21 Datasheet HTML 5Page - ams AG TDC-GP21 Datasheet HTML 6Page - ams AG TDC-GP21 Datasheet HTML 7Page - ams AG TDC-GP21 Datasheet HTML 8Page - ams AG TDC-GP21 Datasheet HTML 9Page - ams AG TDC-GP21 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
TDC-GP21
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
1-3
1
Overview
TDC-GP21 is next generation‘s upgrade for TDC-GP2. It offers pin-to-pin and functional
compatibility, several feature improvements and an extended functionality. Analog elements like a
chopper stabilized comparator and analog switches simplify external circuits in a significant
manner. In parallel, measurement quality is improved and operating current is reduced. The
firepulse generator is extended, a new low-power 32 kHz oscillator driver is implemented and the
temperature measuring unit is further improved. All in all, the TDC-GP21 is perfectly suited to
design ultra-compact and low-cost ultrasonic flow meters and heat meters. If the integrated
analog elements of the TDC-GP21 are used, the average operating current of a typical heatmeter
application can be reduced to 2.2 µA.
1.1
Features
Measurement mode 2
1 channel with typ. 90 ps resolution
Double resolution mode with 45 ps, Quad resolution mode with 22 ps resolution
Measurement range 700 ns to 4 ms
3-fold multihit capability with automatic processing of all 3 data
Analog Input Circuit
Chopper-stabilized low-offset comparator
Offset programmable, -8 to 7 mV
Integrated analog switches for input selection
External circuit is reduced to 2 resistors and 2 capacitors
Temperature Measurement Unit
2 or 4 sensors, PT500/PT1000 or higher
Schmitt trigger integrated
16-Bit eff. with external Schmitt trigger, 17.5-Bit eff. with integrated low noise
Schmitt trigger
Ultra low current (0.08 µA when measuring every 30 seconds)
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com