Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP21 Datasheet(PDF) 72 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 72 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 68Page - ams AG TDC-GP21 Datasheet HTML 69Page - ams AG TDC-GP21 Datasheet HTML 70Page - ams AG TDC-GP21 Datasheet HTML 71Page - ams AG TDC-GP21 Datasheet HTML 72Page - ams AG TDC-GP21 Datasheet HTML 73Page - ams AG TDC-GP21 Datasheet HTML 74Page - ams AG TDC-GP21 Datasheet HTML 75Page - ams AG TDC-GP21 Datasheet HTML 76Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 91 page
background image
TDC-GP21
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
5-1
5
Details and Special Functions
5.1
Oscillator
The TDC-GP21 uses up to 2 clock signals depending on the operating mode:
High-speed clock, typically 4 MHz, for calibration and as a predivider for the TDC
measuring unit in measurement mode 2 and for the EEPROM
32 kHz clock signal used for internal timer functions.
5.1.1
High-Speed Oscillator
Generally, the TDC-GP21 needs a high-speed clock for calibration. The recommend value is
4 MHz, the possible range is 2 to 8 MHz (2 to 6 MHz in QUAD_RES mode). When running
in measurement mode 2 the TDC-GP21 needs the high-speed clock signal also as a part of
the time measuring unit. Finally the operations need the high speed clock, too.
The oscillator takes an average current of 200 µA when running all the time. But as it is
needed only during the time measurement, the TDC-GP21 has the capability to control the
on-time by itself. The settings are done with parameter START_CLKHS. With
START_CLKHS > 1 the oscillator is switched on after sending opcodes Start_TOF,
Start_TOF_Restart, Start_Temp and Start_Temp_Restart for the duration of the
measurement. A delay between starting the oscillator and starting the measurement
guarantees sufficient time for the oscillation to settle at full amplitude.
Note:
It is strongly recommended to use a ceramic oscillator. Exactly because a quartz needs
much longer to settle than a ceramic oscillator. This costs a lot current, but using a
quartz oscillator has no advantage.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com