Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP21 Datasheet(PDF) 23 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 23 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 19Page - ams AG TDC-GP21 Datasheet HTML 20Page - ams AG TDC-GP21 Datasheet HTML 21Page - ams AG TDC-GP21 Datasheet HTML 22Page - ams AG TDC-GP21 Datasheet HTML 23Page - ams AG TDC-GP21 Datasheet HTML 24Page - ams AG TDC-GP21 Datasheet HTML 25Page - ams AG TDC-GP21 Datasheet HTML 26Page - ams AG TDC-GP21 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 91 page
background image
Ultrasonic-Flow-Converter
TDC-GP21
2-14
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
Maximum temperature
The maximum temperature requirement for the resin surface, given 260ºC as the peak
temperature of the package body’s surface, is that the resin surface temperature must
not exceed 250ºC for more than 10 seconds. This temperature should be kept as low as
possible to reduce the load caused by thermal stress on the package , which is why
soldering for short periods only is recommended. In addition to using a suitable
temperature profile, we also recommend that you check carefully to confirm good
soldering results.
Date Code: YYWWA: YY = Year, WW = week, A = Assembly site code
2.6
Power Supply
Supply voltage
TDC-GP21 is a high end mixed analog/digital device. To reach full performance of the chip
a good power supply is mandatory. It should be high capacitive and of low inductance.
The TDC-GP21 provides two pairs of power supply terminals:
Vio
- I/O supply voltage
Vcc
- Core supply voltage
Figure 2-10
Both voltages should be applied with low series resistance from the same source. On the
chip there are connected, but a separate external connection is recommended for good
measurement quality. All ground pins should be connected to a ground plane on the
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com