Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP21 Datasheet(PDF) 35 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 35 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 31Page - ams AG TDC-GP21 Datasheet HTML 32Page - ams AG TDC-GP21 Datasheet HTML 33Page - ams AG TDC-GP21 Datasheet HTML 34Page - ams AG TDC-GP21 Datasheet HTML 35Page - ams AG TDC-GP21 Datasheet HTML 36Page - ams AG TDC-GP21 Datasheet HTML 37Page - ams AG TDC-GP21 Datasheet HTML 38Page - ams AG TDC-GP21 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
Ultrasonic-Flow-Converter
TDC-GP21
3-10
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
REPEAT_FIRE
Number of pulse sequence repetition for
"quasi-sing-around"
0 = no signal repetition
1 = 1 signal repetition
2 = 2 signal repetition
...
7 = 7 signal repetition
PHFIRE
Enables phase reversing for each pulse of
a sequence of up to 15 possible pulses.
PHFIRE[0..14] are available.
0 = no inversion, phase jump HIGH-LOW
1 = inversion, phase jump LOW-HIGH
Bit 23 = 0 (mandatory)
ID5
Free bits, e.g. to be used as identification
or version number
Register 6 (address 6):
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7-0
ID6
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0 0
Parameter
Description
Settings
EN_ANALOG
Activates the analog part for the ultrasonic
flow measurement is. If active, this section is
powered only for the duration of the
measurement to save current. STOP1 and
STOP2 are analog inputs now and
automatically selected by the internal
multiplexer.
0 = STOP1 and STOP2 are digital inputs
(TDC-GP2 compatibility)
1 = The analog section is used.
Mandatory:
If EN_ANALOG = 0 then set DELVAL1 =
DELVAL2 = DELVAL3 = 0
NEG_STOP_TEMP Inverts the SenseT input signal. This is
mandatory when the internal comparator is
used instead of the external one like in TDC-
GP2
0 = external 74HC14 is used (TDC-GP2
compatibility)
1 = internal Schmitt trigger is used
DA_KORR
Sets comparator offset from -8 mV to +7
7 = 7 mV
15 = - 1 mV
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com