Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP21 Datasheet(PDF) 43 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 43 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 39Page - ams AG TDC-GP21 Datasheet HTML 40Page - ams AG TDC-GP21 Datasheet HTML 41Page - ams AG TDC-GP21 Datasheet HTML 42Page - ams AG TDC-GP21 Datasheet HTML 43Page - ams AG TDC-GP21 Datasheet HTML 44Page - ams AG TDC-GP21 Datasheet HTML 45Page - ams AG TDC-GP21 Datasheet HTML 46Page - ams AG TDC-GP21 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
Ultrasonic-Flow-Converter
TDC-GP21
3-18
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
‘h80 + 4 bytes will write configuration register 0 including IDO (TDC -GP21 only).
It is not possible to do incremental writing. Each register must be addressed separately.
3.4.1
Opcode Explanations
’hC0, ’hF0, ’hC6 all refer to EEPROM operations. Those may last up 130 ms,
especially the EEPROM write. Therefore, the EN_INT bit 3 in register 6 indicates
the end of the EEPROM operation. This can be used to adjust microprocessor
actions.
’h01, Start_TOF: triggers a sequence for a single time-of-flight measurement. First,
the 4 MHz oscillator is switched on. After the delay set to settle the oscillator
(START_CLKHS), the comparator and the reference voltage are switched on. The
receiver capacitor is charged up th Vref while inactive fire buffer is pulled down to
GND. After the delay set to charge up the capacitor (TW2), the fire buffer sends
the fire pulses. After the delay set in DELVAL the TDC stop channel is open. At the
end of the measurement the analog section and the 4 MHz are switched off and
the current consumption drops down to near zero. The interrupt is set, pin INTN =
LOW.
’h05, Start_TOF_Restart: This opcode runs the Start_TOF sequence twice, in up
and down direction as it is typical in ultrasonic flow meters. The interrupt is set, pin
INTN = LOW, when the time measurement for each direction is finished. So, for
one Start_TOF_Restart command the microprocessor sees two interru pts and has
to read twice. The time interval between the up and down measurement is set by
configuration parameter CYCLE_TOF in multiples of 50 Hz or 60 Hz. The right
selection of the delay between the two measurements suppresses 50/60 Hz noise.
CYCLE_TOF
factor HZ60 = 0(50Hz)
HZ60 = 1(60Hz)
0
1
20 ms 16.67 ms
1
1.5
30 ms 25.00 ms
2
2
40 ms 33.33 ms
3
2.5
50 ms 41.67 ms
’h02, Start_Temp: triggers a single temperature measurement sequence. It begins
with the fake measurements (ANZ_FAKE) on port PT0. Then it measures ports PT0
> PT1 > PT2 > PT4. If TEMP_PORTDIR is set one then the sequence of ports is
inverted, starting with the fake measurements at port PT4.
’h06, Start_Temp_Restart: This opcode runs the Start_Temp sequence twice. The
time interval between the up and down measurement is set by configuration
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com