Electronic Components Datasheet Search
  English  ▼

X  

TDC-GP21 Datasheet(PDF) 36 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 36 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 32Page - ams AG TDC-GP21 Datasheet HTML 33Page - ams AG TDC-GP21 Datasheet HTML 34Page - ams AG TDC-GP21 Datasheet HTML 35Page - ams AG TDC-GP21 Datasheet HTML 36Page - ams AG TDC-GP21 Datasheet HTML 37Page - ams AG TDC-GP21 Datasheet HTML 38Page - ams AG TDC-GP21 Datasheet HTML 39Page - ams AG TDC-GP21 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 91 page
background image
TDC-GP21
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
3-11
mV. 2‘s complement
6 = 6 mV
14 = - 2 mV
...
1 = 1 mV
9 = - 7 mV
0 = 0 mV
8 = - 8 mV
TW2
Timer to charge up the capacitor of the
recommend RC network when the internal
analog part is used.
Charge time:
0 = 90 µs
1 = 120 µs
2 = 150 µs
3 = 300 µs, recommended setting
EN_INT[3]
Additional interrupt source. See also register
2 for the lower 3 bits of EN_INT. The various
sources are wired by an OR. An EEPROM
action, e.g. EEPROM_COMPARE, is managed
by the TDC-GP21 and especially the EEPROM
write may last up to 130ms. Indicating the
end will be helpful.
1 = end of EEPROM action
START_CLKHS[2] Highest bit to set the settling time for the
high speed oscillator. The lower bits are set
in register 0, bit 18 and 19.
0 = off
1 = continuously on
2 = 480 µs delay
3 = 1.46 ms
4 = 2.44 ms
5 to 7 = 5.14 ms
CYCLE_TEMP
Selects timer for triggering the second
temperature measurement in multiples of
50/60Hz
0 = 1
1 = 1.5
2 = 2
3 = 2.5
CYCLE_TOF
Selects timer for triggering the second ToF
measurement in multiples of 50/60Hz
0 = 1
1 = 1.5
2 = 2
3 = 2.5
HZ60
TDC-GP21 can make complete up and down
flow measurement and also two temperature
measurements in series. The time interval
between 2 measurements is based on 50 or
60 Hz.
0 = 50 Hz base, 20 ms
1 = 60 Hz base, 16.67ms
FIREO_DEF
Specifies the default level of the inactive fire
buffer. Example: if FIRE_UP is active then the
FIRE_DOWN buffer is connected to the
default level. Setting 1 is mandatory when
using the integrated analog section.
0 = High-Z (as in GP2)
1 = LOW
QUAD_RES
Option to improve the resolution by factor 4
from 90 ps to 22 ps. Can be used only in
measurement mode 2.
0 = off (TDC-GP2 mode)
1 = on
DOUBLE_RES
Doubles the resolution from 90 ps to 45 ps.
In measurement mode 1 this option limits the
number of stop inputs to one (Stop1)
0 = off (TDC-GP2 mode)
1 = on
TEMP_PORTDIR
Ports for temperature measurement are
measured in the opposite order.
0 = PT1 > PT2 > PT3 > PT4
1 = PT4 > PT3 > PT2 > PT1
ANZ_FIRE[6:4]
Highest 3 bits of the number of fire pulses.
See also register 0. If ANZ_FIRE > 15 then
0 = off
1 = 1 pulse
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com