Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 29 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 25Page - Texas Instruments CDCE62005 Datasheet HTML 26Page - Texas Instruments CDCE62005 Datasheet HTML 27Page - Texas Instruments CDCE62005 Datasheet HTML 28Page - Texas Instruments CDCE62005 Datasheet HTML 29Page - Texas Instruments CDCE62005 Datasheet HTML 30Page - Texas Instruments CDCE62005 Datasheet HTML 31Page - Texas Instruments CDCE62005 Datasheet HTML 32Page - Texas Instruments CDCE62005 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 85 page
background image
/2-/5
/1 - /8
/2
From
Output
MUX
To
Output
Buffer
16
Registers 0 - 4
Registers 0 - 4
18
19
01
10
00
Prescaler
IntegerDivider
15
17
13
Registers 0 - 4
14
OutputDivider (7-bits)
DigitalPhase Adjust (7-bits)
Sync
Pulse
(internallygenerated )
Enable
From
Output
MUX
To
Output
Buffer
20
Registers 0 - 4
6
Registers 0 - 4
7
8
9
10
11
12
13
Registers 0 - 4
14
15
16
17
18
19
CDCE62005
www.ti.com
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
8.3.5.10 Output Dividers
Figure 23 shows that each output channel provides a 7-bit divider and digital phase adjust block. The Table 13
lists the divide ratios supported by the output divider for each output channel. Figure 24 illustrates the output
divider architecture in detail. The Prescaler provides an array of low noise dividers with duty cycle correction. The
Integer Divider includes a final divide by two stage which is used to correct the duty cycle of the /1–/8 stage. The
output divider’s maximum input frequency is limited to 1.175 GHz. If the divider is bypassed (divide ratio = 1)
then the maximum frequency of the output channel is 1.5 GHz.
Figure 23. CDCE62005 Output Divider and Phase Adjust
Figure 24. CDCE62005 Output Divider Architecture
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com