Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 66 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 62Page - Texas Instruments CDCE62005 Datasheet HTML 63Page - Texas Instruments CDCE62005 Datasheet HTML 64Page - Texas Instruments CDCE62005 Datasheet HTML 65Page - Texas Instruments CDCE62005 Datasheet HTML 66Page - Texas Instruments CDCE62005 Datasheet HTML 67Page - Texas Instruments CDCE62005 Datasheet HTML 68Page - Texas Instruments CDCE62005 Datasheet HTML 69Page - Texas Instruments CDCE62005 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 85 page
background image
CDCE62005
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
www.ti.com
8.6.6 Device Registers: Register 5 Address 0x05
Table 45. CDCE62005 Register 5 Bit Definitions
RAM
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
BIT
0
INBUFSELX
INBUFSELX
Input Buffer Select (LVPECL,LVDS or LVCMOS)
EEPROM
Reg5[1:0]=00=LVCMOS
1
INBUFSELY
INBUFSELY
EEPROM
Reg5[1:0]=01=reserved
Reg5[1:0]=10=LVPECL
Reg5[1:0]=11=LVDS
2
PRISEL
When EECLKSEL = 1;
EEPROM
Bit (2,3,4) 100 – PRISEL, 010 – SECSEL , 001 – AUXSEL
3
SECSEL
EEPROM
Smart MUX
110 – Auto Select (PRI then SEC)
111 – Auto Select (PRI then SEC and then AUX)
4
AUXSEL
(1)
EEPROM
When EECLKSEL = 0, REF_SEL pin determines the Reference Input to the Smart Mux circuitry.
If EEPROM Clock Select Input is set to 1 The Clock selections follows internal EEPROM settings and ignores
5
EECLKSEL
Smart MUX
REF_SEL Pin status, when Set to 0 REF_SEL is used to control the Mux, Auto Select Function is not
EEPROM
available and AUXSEL is not available.
6
ACDCSEL
Input Buffers
If set to 1 DC Termination, If set to 0 AC Termination
EEPROM
7
HYSTEN
Input Buffers
If set to 1 Input Buffers Hysteresis Enabled. It is not recommended that Hysteresis be disabled.
EEPROM
If set to 0 Primary Input Buffer Internal Termination Enabled
8
PRI_TERMSEL
Input Buffers
EEPROM
If set to 1 Primary Internal Termination circuitry Disabled
9
PRIINVBB
Input Buffers
If set to 0 Primary Input Negative Pin Biased with Internal VBB Voltage.
EEPROM
10
SECINVBB
Input Buffers
If set to 0 Secondary Input Negative Pin Biased with Internal VBB Voltage
EEPROM
11
FAILSAFE
Input Buffers
If set to 1 Fail Safe is Enabled for all Input Buffers configured as LVDS, DC Coupling only.
EEPROM
12
RESERVED
Must be set to 0
EEPROM
13
RESERVED
Must be set to 0
EEPROM
14
SELINDIV0
VCO Core
EEPROM
15
SELINDIV1
VCO Core
EEPROM
16
SELINDIV2
VCO Core
EEPROM
17
SELINDIV3
VCO Core
EEPROM
INPUT DIVIDER Settings
18
SELINDIV4
VCO Core
EEPROM
19
SELINDIV5
VCO Core
EEPROM
20
SELINDIV6
VCO Core
EEPROM
21
SELINDIV7
VCO Core
EEPROM
22
LOCKW(0)
PLL Lock
See Table 34
EEPROM
23
LOCKW(1)
EEPROM
24
LOCKW(2)
EEPROM
25
LOCKW(3)
EEPROM
Number of coherent lock events. If set to 0 it triggers after the first lock detection if set to 1 it triggers lock
26
LOCKDET
PLL Lock
EEPROM
after 64 PFD cycles of lock detections.
27
ADLOCK
PLL Lock
Selects Digital PLL_LOCK 0 ,Selects Analog PLL_LOCK 1
EEPROM
(1)
If the AUXSEL bit is set to 1 , a crystal must be connected to the AUXIN input properly (see the Crystal Input Interface section).
66
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com