Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 46 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 42Page - Texas Instruments CDCE62005 Datasheet HTML 43Page - Texas Instruments CDCE62005 Datasheet HTML 44Page - Texas Instruments CDCE62005 Datasheet HTML 45Page - Texas Instruments CDCE62005 Datasheet HTML 46Page - Texas Instruments CDCE62005 Datasheet HTML 47Page - Texas Instruments CDCE62005 Datasheet HTML 48Page - Texas Instruments CDCE62005 Datasheet HTML 49Page - Texas Instruments CDCE62005 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 85 page
background image
CDCE62005
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
www.ti.com
Table 31. CDCE62005 Internal Loop Filter – R2 Settings
R2 SETTINGS
BIT NAME
→
EXLFSEL
LFRCSEL9
LFRCSEL8
LFRCSEL7
LFRCSEL6
LFRCSEL5
RESISTOR VALUE
→
—
56.4 k
38.2 k
20 k
9 k
4 k
RESISTOR VALUE
REGISTER.BIT
→
6.26
7.9
7.8
7.7
7.6
7.5
(k
Ω)
1
X
X
X
X
X
External Loop Filter
0
0
0
0
0
0
127.6
0
0
0
0
0
1
123.6
0
0
0
0
1
0
118.6
0
0
0
0
1
1
114.6
0
0
0
1
0
0
107.6
0
0
0
1
0
1
103.6
0
0
0
1
1
0
98.6
0
0
0
1
1
1
94.6
0
0
1
0
0
0
89.4
0
0
1
0
0
1
85.4
0
•
•
•
•
•
•
0
1
1
1
0
0
13
0
1
1
1
0
1
9
0
1
1
1
1
0
4
0
1
1
1
1
1
0
Table 32. CDCE62005 Internal Loop Filter – C3 Settings
C3 SETTINGS
BIT NAME
→
LFRCSEL18
LFRCSEL17
LFRCSEL16
LFRCSEL15
CAPACITOR VALUE
→
85 pF
19.5 pF
5.5 pF
2.5 pF
REGISTER.BIT
→
7.18
7.17
7.16
7.15
CAPACITOR VALUE
0
0
0
0
0 pF
0
0
0
1
2.5 pF
0
0
1
0
5.5 pF
0
0
1
1
8 pF
0
1
0
0
19.5 pF
0
1
0
1
22 pF
0
1
1
0
25 pF
0
1
1
1
27.5 pF
1
0
0
0
85 pF
1
0
0
1
87.5 pF
•
•
•
•
•
1
1
1
0
104.5 pF
1
1
1
1
107 pF
1
1
1
0
110 pF
1
1
1
1
112.5 pF
46
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com