Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 61 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 57Page - Texas Instruments CDCE62005 Datasheet HTML 58Page - Texas Instruments CDCE62005 Datasheet HTML 59Page - Texas Instruments CDCE62005 Datasheet HTML 60Page - Texas Instruments CDCE62005 Datasheet HTML 61Page - Texas Instruments CDCE62005 Datasheet HTML 62Page - Texas Instruments CDCE62005 Datasheet HTML 63Page - Texas Instruments CDCE62005 Datasheet HTML 64Page - Texas Instruments CDCE62005 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 85 page
background image
CDCE62005
www.ti.com
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
8.6 Register Maps
8.6.1 Device Registers: Register 0 Address 0x00
Table 40. CDCE62005 Register 0 Bit Definitions
RAM
BIT NAME
RELATED
DESCRIPTION/FUNCTION
BIT
BLOCK
0
DIV2PRIX
Pre-Divider Selection for the Primary Reference
EEPROM
Primary
(X,Y)=00:3-state, 01:Divide by 1, 10:Divide by 2, 11:Reserved
Reference
1
DIV2PRIY
EEPROM
2
RESERVED
Must be set to 0
EEPROM
3
RESERVED
Must be set to 0
EEPROM
4
OUTMUX0SELX
Output 0
OUTPUT MUX 0 Select. Selects the Signal driving Output Divider 0
EEPROM
(X,Y) = 00: PRI_REF, 01:SEC_REF, 10:SMART_MUX, 11:VCO_CORE
5
OUTMUX0SELY
Output 0
EEPROM
6
PH0ADJC0
Output 0
EEPROM
7
PH0ADJC1
Output 0
EEPROM
8
PH0ADJC2
Output 0
EEPROM
9
PH0ADJC3
Output 0
Coarse phase adjust select for output divider 0
EEPROM
10
PH0ADJC4
Output 0
EEPROM
11
PH0ADJC5
Output 0
EEPROM
12
PH0ADJC6
Output 0
EEPROM
13
OUT0DIVRSEL0
Output 0
EEPROM
14
OUT0DIVRSEL1
Output 0
EEPROM
15
OUT0DIVRSEL2
Output 0
EEPROM
16
OUT0DIVRSEL3
Output 0
OUTPUT DIVIDER 0 Ratio Select
EEPROM
17
OUT0DIVRSEL4
Output 0
EEPROM
18
OUT0DIVRSEL5
Output 0
EEPROM
19
OUT0DIVRSEL6
Output 0
EEPROM
When set to 0, the divider is disabled.
20
OUT0DIVSEL
Output 0
EEPROM
When set to 1, the divider is enabled.
High Swing LVPECL When set to 1 and Normal Swing when set to 0.
– If LVCMOS or LVDS is selected the Output swing will stay at the same level.
(1)
21
HiSWINGLVPECL0
Output 0
EEPROM
– If LVPECL buffer is selected the Output Swing will be 30% higher if this bit is set to 1 and Normal LVPECL if it
is set to 0.
22
CMOSMODE0PX
Output 0
LVCMOS mode select for OUTPUT 0 Positive Pin.
EEPROM
(X,Y)=00:Active, 10:Inverting, 11:Low, 01:3-State
23
CMOSMODE0PY
Output 0
EEPROM
24
CMOSMODE0NX
Output 0
LVCMOS mode select for OUTPUT 0 Negative Pin.
EEPROM
(X,Y)=00:Active, 10:Inverting, 11:Low, 01:3-State
25
CMOSMODE0NY
Output 0
EEPROM
26
OUTBUFSEL0X
Output 0
OUTPUT TYPE
RAM BITS
EEPROM
22
23
24
25
26
27
LVPECL
0
0
0
0
0
1
LVDS
0
1
0
1
1
1
27
OUTBUFSEL0Y
Output 0
EEPROM
LVCMOS
See Settings Above
0
0
Output Disabled
0
1
0
1
1
0
* Use Description for Bits 22,23,24 and 25 for setting the LVCMOS Outputs
(1)
Set RegisterR0.21 to 0 for LVDS and LVCMOS outputs
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com