Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 48 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 44Page - Texas Instruments CDCE62005 Datasheet HTML 45Page - Texas Instruments CDCE62005 Datasheet HTML 46Page - Texas Instruments CDCE62005 Datasheet HTML 47Page - Texas Instruments CDCE62005 Datasheet HTML 48Page - Texas Instruments CDCE62005 Datasheet HTML 49Page - Texas Instruments CDCE62005 Datasheet HTML 50Page - Texas Instruments CDCE62005 Datasheet HTML 51Page - Texas Instruments CDCE62005 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 85 page
background image
CDCE62005
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
www.ti.com
Table 34. CDCE62005 Lock Detect Window
DIGITAL LOCK DETECT
BIT NAME
→
LOCKW(3)
LOCKW(2)
LOCKW(1)
LOCKW(0)
REGISTER.BIT
→
5.25
5.24
5.23
5.22
LOCK DETECT WINDOW
0
0
0
0
1.5 ns
0
0
0
1
5.8 ns
0
0
1
0
15.1 ns
0
0
1
1
Reserved
0
1
0
0
3.4 ns
0
1
0
1
7.7 ns
0
1
1
0
17.0 sn
0
1
1
1
Reserved
1
0
0
0
5.4 ns
1
0
0
1
9.7 ns
1
0
1
0
19.0 ns
1
0
1
1
Reserved
1
1
0
0
15.0 ns
1
1
0
1
19.3 ns
1
1
1
0
28.6 ns
1
1
1
1
Reserved
8.3.7 Crystal Input Interference
Fundamental mode is the recommended oscillation mode of operation for the input crystal and parallel
resonance is the recommended type of circuit for the crystal.
A crystal load capacitance refers to all capacitances in the oscillator feedback loop. It is equal to the amount of
capacitance seen between the terminals of the crystal in the circuit. For parallel resonant mode circuits, the
correct load capacitance is necessary to ensure the oscillation of the crystal within the expected parameters.
The CDCE62005 implements an input crystal oscillator circuitry, known as the Colpitts oscillator, and requires
one pad of the crystal to interface with the AUX IN pin; the other pad of the crystal is tied to ground. In this
crystal interface, it is important to account for all sources of capacitance when calculating the correct value for
the discrete capacitor component, CL, for a design.
The CDCE62005 has been characterized with 10-pF parallel resonant crystals. The input crystal oscillator stage
in the CDCE62005 is designed to oscillate at the correct frequency for all parallel resonant crystals with low-pull
capability and rated with a load capacitance that is equal to the sum of the on-chip load capacitance at the AUX
IN pin (10-pF), crystal stray capacitance, and board parasitic capacitance between the crystal and AUX IN pin.
48
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com