Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 38 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 34Page - Texas Instruments CDCE62005 Datasheet HTML 35Page - Texas Instruments CDCE62005 Datasheet HTML 36Page - Texas Instruments CDCE62005 Datasheet HTML 37Page - Texas Instruments CDCE62005 Datasheet HTML 38Page - Texas Instruments CDCE62005 Datasheet HTML 39Page - Texas Instruments CDCE62005 Datasheet HTML 40Page - Texas Instruments CDCE62005 Datasheet HTML 41Page - Texas Instruments CDCE62005 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 85 page
background image
Delay
~6µs
SYNC#
Pin
R4.1
0
1
D
Q
R6.20
0
1
D
Q
Selected Reference Input
R0[4:5]
Output
Divider
Output
Divider
U0
U4
D
Q
R4[4:5]
&
SYNC#
Bit (R8.8)
Reference Clock
PreScalar Clock
SYNC
Output
( R4.1=0 & R6.20=1)
Output
( R4.1=1 & R6.20=0)
Output
( R4.1=1 & R20.6=1)
Tristate
Tristate
( a )
( b )
( c )
next rising edge
next PreScaler CLK
Tristate
~ 6 µ s
next PreScaler CLK
CDCE62005
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
www.ti.com
8.3.5.14
Output Synchronization
Figure 26 shows the output synchronization circuitry and relative output clock phase position with respect to
SYNC signal Low to High phase transition.
NOTE: The signal diagram is based on the assumption that prescalar clock is selected by output Mux ( Rn[4:5] where n = 0,
1, 2, 3 or 4)
Figure 26. Output Synchronization Diagram
The synchronization of the outputs can be accomplished by toggling the SYNC pin, or Bit (R8.8), or by changing
any output divider values. Table 20 shows the phase relationship between output phase and the SYNC signal,
the selected reference clock and the prescalar output clock phases.
38
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com