Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 67 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 63Page - Texas Instruments CDCE62005 Datasheet HTML 64Page - Texas Instruments CDCE62005 Datasheet HTML 65Page - Texas Instruments CDCE62005 Datasheet HTML 66Page - Texas Instruments CDCE62005 Datasheet HTML 67Page - Texas Instruments CDCE62005 Datasheet HTML 68Page - Texas Instruments CDCE62005 Datasheet HTML 69Page - Texas Instruments CDCE62005 Datasheet HTML 70Page - Texas Instruments CDCE62005 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 85 page
background image
CDCE62005
www.ti.com
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
8.6.7 Device Registers: Register 6 Address 0x06
Table 46. CDCE62005 Register 6 Bit Definitions
RAM BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
0
SELVCO
VCO Core
VCO Select, 0:VCO1(low range), 1:VCO2(high range)
EEPROM
1
SELPRESCA
VCO Core
EEPROM
PRESCALER Setting.
2
SELPRESCB
VCO Core
EEPROM
3
SELFBDIV0
VCO Core
EEPROM
4
SELFBDIV1
VCO Core
EEPROM
5
SELFBDIV2
VCO Core
EEPROM
6
SELFBDIV3
VCO Core
EEPROM
FEEDBACK DIVIDER Setting
7
SELFBDIV4
VCO Core
EEPROM
8
SELFBDIV5
VCO Core
EEPROM
9
SELFBDIV6
VCO Core
EEPROM
10
SELFBDIV7
VCO Core
EEPROM
11
RESERVED
Must be set to 0
EEPROM
If Set to Secondary Input Buffer Internal Termination Enabled
12
SEC_TERMSEL
Input Buffers
EEPROM
If set to 1 Secondary Internal Termination circuitry Disabled
13
SELBPDIV0
VCO Core
EEPROM
14
SELBPDIV1
VCO Core
BYPASS DIVIDER Setting (6 settings + Disable + Enable)
EEPROM
15
SELBPDIV2
VCO Core
EEPROM
16
ICPSEL0
VCO Core
EEPROM
17
ICPSEL1
VCO Core
EEPROM
CHARGE PUMP Current Select (see Table 27)
18
ICPSEL2
VCO Core
EEPROM
19
ICPSEL3
VCO Core
EEPROM
20
SYNC_MODE2
VCO Core
When set to 0, outputs are synchronized to the reference input on the low-to-high pulse on SYNC pin or
EEPROM
bit. When set to 1, outputs are synchronized to the SYNC low-to-high pulse
21
CPPULSEWIDTH
VCO Core
If set to 1=wide pulse, 0=narrow pulse
EEPROM
Enable VCO Calibration Command. To execute this command a rising edge must be generated (that is,
22
ENCAL
VCO Core
Write a LOW followed by a high to this bit location). This will initiate a VCO calibration sequence only if
EEPROM
Calibration Mode = Manual Mode (that is, Register 6 bit 27 is HIGH).
23
RESERVED
Must be set to 0
EEPROM
24
AUXOUTEN
Output AUX
Enable Auxiliary Output when set to 1.
EEPROM
Select the Output that will driving the AUX Output;
25
AUXFEEDSEL
Output AUX
EEPROM
Low for Selecting Output Divider 2 and High for Selecting Output Divider 3
When Set to 1 External Loop filter is used.
26
EXLFSEL
VCO Core
EEPROM
When Set to 0 Internal Loop Filter is used.
1: Calibration Mode = Manual Mode. In this mode, a calibration will be initiated if a rising edge is asserted
on ENCAL (Register 6 Bit 22).
27
ENCAL_MODE
PLL Calibration
EEPROM
0: Calibration Mode = Startup Mode.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com