Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 65 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 61Page - Texas Instruments CDCE62005 Datasheet HTML 62Page - Texas Instruments CDCE62005 Datasheet HTML 63Page - Texas Instruments CDCE62005 Datasheet HTML 64Page - Texas Instruments CDCE62005 Datasheet HTML 65Page - Texas Instruments CDCE62005 Datasheet HTML 66Page - Texas Instruments CDCE62005 Datasheet HTML 67Page - Texas Instruments CDCE62005 Datasheet HTML 68Page - Texas Instruments CDCE62005 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 85 page
background image
CDCE62005
www.ti.com
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
8.6.5 Device Registers: Register 4 Address 0x04
Table 44. CDCE62005 Register 4 Bit Definitions
RAM BIT
BIT NAME
RELATED
DESCRIPTION/FUNCTION
BLOCK
0
RESERVED
—
This bit must be set to a 1
EEPROM
0 (default): Outputs have deterministic delay relative to low-to-high pulse of SYNC pin when the EEPROM SYNC
signal is synchronized with the reference input and added 6
μs delay.
1
SYNC_MODE1
Outputs
EEPROM
1: outputs have deterministic delay relative to low-to-high pulse of SYNC pin when the SYNC signal is
synchronized with the reference input
2
RESERVED
Must be set to 0
EEPROM
3
RESERVED
Must be set to 0
EEPROM
4
OUTMUX4SELX
Output 4
OUTPUT MUX 4 Select. Selects the Signal driving Output Divider 4
EEPROM
(X,Y) = 00: PRI_REF, 01:SEC_REF, 10:SMART_MUX, 11:VCO_CORE
5
OUTMUX4SELY
Output 4
EEPROM
6
PH4ADJC0
Output 4
EEPROM
7
PH4ADJC1
Output 4
EEPROM
8
PH4ADJC2
Output 4
EEPROM
9
PH4ADJC3
Output 4
Coarse phase adjust select for output divider 4
EEPROM
10
PH4ADJC4
Output 4
EEPROM
11
PH4ADJC5
Output 4
EEPROM
12
PH4ADJC6
Output 4
EEPROM
13
OUT4DIVRSEL0
Output 4
EEPROM
14
OUT4DIVRSEL1
Output 4
EEPROM
15
OUT4DIVRSEL2
Output 4
EEPROM
16
OUT4DIVRSEL3
Output 4
OUTPUT DIVIDER 4 Ratio Select
EEPROM
17
OUT4DIVRSEL4
Output 4
EEPROM
18
OUT4DIVRSEL5
Output 4
EEPROM
19
OUT4DIVRSEL6
Output 4
EEPROM
When set to 0, the divider is disabled
20
OUT4DIVSEL
Output 4
EEPROM
When set to 1, the divider is enabled
High Swing LVPECL When set to 1 and Normal Swing when set to 0.
– If LVCMOS or LVDS is selected the Output swing will stay at the same level.
(1)
21
HiSWINGLVPEC4
Output 4
EEPROM
– If LVPECL buffer is selected the Output Swing will be 30% higher if this bit is set to 1 and Normal LVPECL if it
is set to 0.
22
CMOSMODE4PX
Output 4
LVCMOS mode select for OUTPUT 4 Positive Pin.
EEPROM
(X,Y)=00:Active, 10:Inverting, 11:Low, 01:3-State
23
CMOSMODE4PY
Output 4
EEPROM
24
CMOSMODE4NX
Output 4
LVCMOS mode select for OUTPUT 3 Negative Pin.
EEPROM
(X,Y)=00:Active, 10:Inverting, 11:Low, 01:3-State
25
CMOSMODE4NY
Output 4
EEPROM
26
OUTBUFSEL4X
Output 4
OUTPUT TYPE
RAM BITS
EEPROM
22
23
24
25
26
27
LVPECL
0
0
0
0
0
1
LVDS
0
1
0
1
1
1
27
OUTBUFSEL4Y
Output 4
EEPROM
LVCMOS
See Settings Above*
0
0
Output Disabled
0
1
0
1
1
0
* Use Description for Bits 22,23,24 and 25 for setting the LVCMOS Outputs
(1)
Set the R4.21 0 for LVDS and LVCMOS outputs
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com