Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 40 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 36Page - Texas Instruments CDCE62005 Datasheet HTML 37Page - Texas Instruments CDCE62005 Datasheet HTML 38Page - Texas Instruments CDCE62005 Datasheet HTML 39Page - Texas Instruments CDCE62005 Datasheet HTML 40Page - Texas Instruments CDCE62005 Datasheet HTML 41Page - Texas Instruments CDCE62005 Datasheet HTML 42Page - Texas Instruments CDCE62005 Datasheet HTML 43Page - Texas Instruments CDCE62005 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 85 page
background image
PFD/
CP
Prescaler
/2,/3,/4,/5
Input Divider
/1 - /256
SMART _MUX
SYNTH
/1,/2,/5,/8,/10,/16,/20
/8 - /1280
Feedback Divider
1.75 GHz –
2.356 GHz
Register 6
16
17
18
19
Charge Pump Current
14
Register 5
15
16
17
18
19
20
21
Input Divider Settings
Register 6
1
2
Prescaler
3
Register 6
4
5
6
7
8
9
10
Feedback Divider
Register 6
13
14
15
Feedback Bypass Divider
0
Register 7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Loop Filter Settings
Register 6
0
VCO Select
CDCE62005
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
www.ti.com
8.3.5.16 Synthesizer Block
Figure 28 provides an overview of the CDCE62005 synthesizer block. The Synthesizer Block provides a Phase
Locked Loop, a partially integrated programmable loop filter, and two Voltage Controlled Oscillators (VCO). The
synthesizer block generates an output clock called “SYNTH” and drives it onto the Internal Clock Distribution
Bus.
Figure 28. CDCE62005 Synthesizer Block
8.3.5.17 Input Divider
The Input Divider divides the clock signal selected by the Smart Multiplexer (see Table 7) and presents the
divided signal to the Phase Frequency Detector / Charge Pump of the frequency synthesizer.
Table 22. CDCE62005 Input Divider Settings
INPUT DIVIDER SETTINGS
DIVIDE
SELINDIV7
SELINDIV6
SELINDIV5
SELINDIV4
SELINDIV3
SELINDIV2
SELINDIV1
SELINDIV0
RATIO
5.21
5.20
5.19
5.18
5.17
5.16
5.15
5.14
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
1
2
0
0
0
0
0
0
1
0
3
0
0
0
0
0
0
1
1
4
0
0
0
0
0
1
0
0
5
0
0
0
0
0
1
0
1
6
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1
1
1
1
1
1
1
1
256
40
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com