Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 47 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 43Page - Texas Instruments CDCE62005 Datasheet HTML 44Page - Texas Instruments CDCE62005 Datasheet HTML 45Page - Texas Instruments CDCE62005 Datasheet HTML 46Page - Texas Instruments CDCE62005 Datasheet HTML 47Page - Texas Instruments CDCE62005 Datasheet HTML 48Page - Texas Instruments CDCE62005 Datasheet HTML 49Page - Texas Instruments CDCE62005 Datasheet HTML 50Page - Texas Instruments CDCE62005 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 85 page
background image
PFD/
CP
FromInputDivider
FromFeedback Divider
ToLoopFilter
FromInputDivider
FromFeedback Divider
Locked
Unlocked
FromInputDivider
FromFeedback Divider
25 24 23 22
Register 5
Lock Detect Window (Max)
Lock Detect Window Adjust
(a)
(b)
27 26
FromDigital
Lock Detector
PLL_LOCK
1 = Locked
O = Unlocked
(c)
CDCE62005
www.ti.com
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
Table 33. CDCE62005 Internal Loop Filter – R3 Settings
R3 SETTINGS
BIT NAME
→
LFRCSEL20
LFRCSEL19
RESISTOR VALUE
→
10 k
5 k
REGISTER.BIT
→
7.20
7.19
RESISTOR VALUE (k
Ω)
0
0
20
0
1
15
1
0
10
1
1
5
8.3.5.20 External Loop Filter Component Configuration
To implement an external loop filter, set EXLFSEL bit (6.26) high. Setting all of the control switches low that
control capacitors C1 and C2 (see Table 29 and Table 30) remove them from the loop filter circuit. This is
necessary for an external loop filter implementation.
8.3.6 Digital Lock Detect
The CDCE62005 provides both an analog and a digital lock detect circuit. With respect to lock detect, two signals
whose phase difference is less than a prescribed amount are ‘locked’ otherwise they are ‘unlocked’. The phase
frequency detector / charge pump compares the clock provided by the input divider and the feedback divider;
using the input divider as the phase reference. The digital lock detect circuit implements a programmable lock
detect window. Table 34 shows an overview of how to configure the digital lock detect feature. When selecting
the digital PLL lock option, the PLL_LOCK pin will possibly jitter several times between lock and out of lock until
the PLL achieves a stable lock. If desired, choosing a wide loop bandwidth and a high number of successive
clock cycles virtually eliminates this characteristic. PLL_LOCK will return to out of lock, if just one cycle is outside
the lock detect window or if a cycle slip occurs.
Figure 31. CDCE62005 Digital Lock Detect
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com