Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 74 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 70Page - Texas Instruments CDCE62005 Datasheet HTML 71Page - Texas Instruments CDCE62005 Datasheet HTML 72Page - Texas Instruments CDCE62005 Datasheet HTML 73Page - Texas Instruments CDCE62005 Datasheet HTML 74Page - Texas Instruments CDCE62005 Datasheet HTML 75Page - Texas Instruments CDCE62005 Datasheet HTML 76Page - Texas Instruments CDCE62005 Datasheet HTML 77Page - Texas Instruments CDCE62005 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 85 page
background image
CDCE62005
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
www.ti.com
10 Power Supply Recommendations
The CDCE62005 is a high performance device. Therefore careful attention must be paid to device configuration
and printed circuit board layout with respect to power consumption. Table 49 provides the power consumption for
the individual blocks within the CDCE62005. To estimate total power consumption, calculate the sum of the
products of the number of blocks used and the power dissipated of each corresponding block.
Table 49. CDCE62005 Power Consumption
INTERNAL BLOCK POWER AT 3.3V (typ.)
POWER DISSIPATION/ BLOCK
NUMBER OF BLOCKS
Input Circuit
250 mW
1
PLL and VCO Core
500 mW
1
Divider = 1
60 mW
5
Output Dividers
Divider > 1
180 mW
LVPECL Output Buffer
75 mW(1)
5
LVDS Output Buffer
76 mW
5
Static
7 mW
10
LVCMOS Output Buffer Transient, C
L = load, fOUT = MHz output
3.3 × V × fOUT × (CL + 20 × 10
-12) ×
10
frequency, V = output swing
103
(1)
An additional ~50 mW of power is dissipated externally at the termination resistors per LVPECL output pair.
This power estimate determines the degree of thermal management required for a specific design. Employing the
thermally enhanced printed circuit board layout shown in Figure 53 ensures that the thermal performance curves
shown in Figure 52 apply. Observing good thermal layout practices enables the thermal pad on the backside of
the QFN-48 package to provide a good thermal path between the die contained within the package and the
ambient air. This thermal pad also serves as the ground connection the device. Therefore, a low inductance
connection to the ground plane is essential.
Figure 53 shows a layout optimized for good thermal performance and a good power supply connection as well.
The 7×7 filled via pattern facilitates both considerations. Finally, the recommended layout achieves RθJA =
27.3°C/W in still air and 20.3°C/W in an environment with 100 LFM airflow if implemented on a JEDEC compliant
thermal test board..
Figure 52. CDCE62005 Die Temperature vs Total Device Power
74
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com