Electronic Components Datasheet Search
  English  ▼

X  

CDCE62005 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 7Page - Texas Instruments CDCE62005 Datasheet HTML 8Page - Texas Instruments CDCE62005 Datasheet HTML 9Page - Texas Instruments CDCE62005 Datasheet HTML 10Page - Texas Instruments CDCE62005 Datasheet HTML 11Page - Texas Instruments CDCE62005 Datasheet HTML 12Page - Texas Instruments CDCE62005 Datasheet HTML 13Page - Texas Instruments CDCE62005 Datasheet HTML 14Page - Texas Instruments CDCE62005 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
Bit30
Bit0 = 0
Bit1
Bit2
Bit31
t2
t3
t4
t5
t8
t7
t6
t9
SPI_CLK
SPI_MOSI
SPI_MISO
SPI_LE
Bit0
Bit1
Bit30
Bit29
t1
t2
t3
t4
t5
t6
t7
Bit31
SPI_CLK
SPI_MOSI
SPI_LE
CDCE62005
www.ti.com
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
6.5 Timing Requirements
over recommended ranges of supply voltage, load and operating free air temperature (unless otherwise noted)
MIN
NOM
MAX
UNIT
PRI_REF/SEC_REF REQUIREMENTS
Maximum Clock Frequency Applied to PRI_REF and SEC_REF in fan-out mode
1500
MHz
Maximum Clock Frequency Applied to Smart Multiplexer input Divider
500
MHz
fmax
Maximum Clock Frequency Applied to Reference Divider
250
MHz
For Single ended Inputs ( LVCMOS) on PRI_REF and SEC_REF
250
MHz
Duty cycle of PRI_REF or SEC_REF at VCC / 2
40%
60%
Input Clock Slew Rate (Differential and Single ended)
1
V/ns
Power_Down, SYNC, REF_SEL REQUIREMENTS
tr/ tf
Rise and fall time of the Power_Down, SYNC, REF_SEL signal from 20% to 80% of VCC
4
ns
6.6 SPI Bus Timing Characteristics
MIN NOM
MAX
UNIT
fClock Clock Frequency for the
20
MHz
SPI_CLK
t1
SPI_LE to SPI_CLK setup time
See Figure 1 and Figure 2
10
ns
t2
SPI_MOSI to SPI_CLK setup
See Figure 1 and Figure 2
10
ns
time
t3
SPI_MOSI to SPI_CLK hold
See Figure 1 and Figure 2
10
ns
time
t4
SPI_CLK high duration
See Figure 1 and Figure 2
25
ns
t5
SPI_CLK low duration
See Figure 1 and Figure 2
25
ns
t6
SPI_CLK to SPI_LE Hold time
See Figure 1 and Figure 2
10
ns
t7
SPI_LE Pulse Width
See Figure 1 and Figure 2
20
ns
t8
SPI_CLK to MISO data valid
See Figure 2
10
ns
t9
SPI_LE to SPI_MISO Data Valid See Figure 2
10
ns
Figure 1. Timing Diagram for SPI Write Command
Figure 2. Timing Diagram for SPI Read Command
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com