Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 103 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 103 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 99Page - Zilog, Inc. Z80 Datasheet HTML 100Page - Zilog, Inc. Z80 Datasheet HTML 101Page - Zilog, Inc. Z80 Datasheet HTML 102Page - Zilog, Inc. Z80 Datasheet HTML 103Page - Zilog, Inc. Z80 Datasheet HTML 104Page - Zilog, Inc. Z80 Datasheet HTML 105Page - Zilog, Inc. Z80 Datasheet HTML 106Page - Zilog, Inc. Z80 Datasheet HTML 107Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

–
Prevents interrupts from lower priority devices in an interrupt
daisy-chain
–
Prevents further bus requests by this DMA
If the Interrupt on RDY (interrupt before requesting bus) option is selected,
the IP latch is set when the Ready line becomes active, causing INT to go
Low.
The IP latch is reset whenever the IUS latch is se. If the interrupt causing
condition is not removed before IUS reset, IP becomes set again after IUS
reset, causing another interrupt. The US latch can be reset by the Z80
CPU’s Return from Interrupt (RETI) instruction or by control bytes written
to the DMA.
Figure 34.
Interrupt Pending (IP) Latch
Figure 35.
Interrupt Under Service (IUS) Latch
Reinitialize Status Byte
Reset and Disable Interrupts
*NOTE: Interrupt conditions can include end-of-block,
byte match, or active RDY line, depending on programming.
M1 Inactive
Interrupt Condition
Enable Interrupts
Disable Interrupts
S
R
Q
S
R
IP
O
Interrupt Pending
(ToIUS LatchSet)
S
R
IUS
O
Disable DMA
Reset and Disable Interrupts
RETI
IEI
Interrupt Acknowledge
(M1 and IORQ)
Interrupt Pending
(from IP Latch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com