Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 104 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 104 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 100Page - Zilog, Inc. Z80 Datasheet HTML 101Page - Zilog, Inc. Z80 Datasheet HTML 102Page - Zilog, Inc. Z80 Datasheet HTML 103Page - Zilog, Inc. Z80 Datasheet HTML 104Page - Zilog, Inc. Z80 Datasheet HTML 105Page - Zilog, Inc. Z80 Datasheet HTML 106Page - Zilog, Inc. Z80 Datasheet HTML 107Page - Zilog, Inc. Z80 Datasheet HTML 108Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

Interrupt On Ready
Normally, when the DMA has been enabled by the CPU to request the bus
while the I/O device’s Ready line is inactive, the Ready line’s transition to
the active state causes the BUSREQ line to go Low (Figure 65). It does so
within two clock cycles if the setup time to the rising edge of CLK is met.
This does not take place, however, when the Interrupt on Ready option
(also called the Interrupt Before Requesting Bus option) is selected. When
this option is used, the DMA interrupts the CPU when the Ready line
comes active. The CPU’s interrupt service routine now writes control bytes
to the DMA, which enable the DMA to request the bus after the service
routine finishes.
As noted earlier, the CPU cannot respond to an interrupt when the DMA
is bus master. Thus, when enabled in Continuous mode, the DMA inter-
rupts the CPU when the Ready line first becomes active, but not on
succeeding transitions.
The Interrupt on Ready option is typically used to put new starting
addresses into the DMA, so that transfers go to a part of memory that is
dynamically determined.
Interrupt Service Routines
In addition to the DMA’s extensive programmability for mode-setting
(usually done at power-up initialization), numerous commands (control
bytes) are designed for use in various interrupt service routines.
The next chapter on “Programming,” fully explains the commands, but a
quick overview follows.
Some typical functions for which control bytes are available for use in
interrupt service routines include:
• Reset the DMA
–
Enable the DMA for bus requesting
–
Disable the DMA for bus requesting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com