Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 186 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 186 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 182Page - Zilog, Inc. Z80 Datasheet HTML 183Page - Zilog, Inc. Z80 Datasheet HTML 184Page - Zilog, Inc. Z80 Datasheet HTML 185Page - Zilog, Inc. Z80 Datasheet HTML 186Page - Zilog, Inc. Z80 Datasheet HTML 187Page - Zilog, Inc. Z80 Datasheet HTML 188Page - Zilog, Inc. Z80 Datasheet HTML 189Page - Zilog, Inc. Z80 Datasheet HTML 190Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

and any functions created from it by external logic in simultaneous transfer
operations (such as IOWR and IORD), remain active during an inactive
RDY line before stopping on end-of-block or byte match.
Interrupts
Timings for interrupt acknowledge and return from interrupt are the same
as timings for these in other Z80 peripherals. Figure 74 illustrates this
timing. The interrupt signal INT is sampledbythe CPU on the rising edge
of the final clock cycle of any instruction. The signal is not accepted if the
internal CPU software-controlled interrupt-enable flip-flop is not set or if
the BUSREQ signal is active. When the INT signal is accepted, a special
M1 cycle is generated.
Figure 74.
WAIT Line Sampling in Variable-Cycle Timing
During this special M1 cycle, the IORQ signal becomes simultaneously
active (instead of the normal MREQ), indicating that the interrupting
device can place its 8-bit vector on the data bus. Two wait states are auto-
matically added to this cycle. These states are added so that a ripple-priority
interrupt scheme can be easily implemented. The two wait states allow time
for the ripple signals to stabilize and identify what I/O device must respond.
Refer to the Z80 CPU User’s Manual for more details.
CLK
T1
T2
T3
T4
CE/WAIT
(4-Cycle I/O
Operations)
CE/WAIT
(3-Cycle and
4-Cycle Memory
Operations)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com