Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 189 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 189 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 185Page - Zilog, Inc. Z80 Datasheet HTML 186Page - Zilog, Inc. Z80 Datasheet HTML 187Page - Zilog, Inc. Z80 Datasheet HTML 188Page - Zilog, Inc. Z80 Datasheet HTML 189Page - Zilog, Inc. Z80 Datasheet HTML 190Page - Zilog, Inc. Z80 Datasheet HTML 191Page - Zilog, Inc. Z80 Datasheet HTML 192Page - Zilog, Inc. Z80 Datasheet HTML 193Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

REGISTER BIT FUNCTIONS
Write Register Bit Functions
Figure 76.
Write Register 0 Group
Figure 77.
Write Register 1 Group
D7 D6 D5 D4 D3 D2 D1 D0
Base Register Byte
Port A Starting Address
00
0
1
1
1
0
1
Do not use
=Transfer
=Search
= Search/Transfer
0 =PortB
→ Port A
0 =PortA
→ Port B
(Low Byte)
Port A Starting Address
(High Byte)
Block Length
(Low Byte)
Block Length
(High Byte)
D7 D6 D5 D4 D3 D2 D1 D0
Base Register Byte
00
0
1
1
1
0
1
= Port A Address Decrements
0 = Port A is Memory
0 = Port A is I/O
Port A Variable
00
0
1
1
1
0
1
= Cycle Length = 3
= Cycle Length = 2
=Do Not Use
= Port A Address Increments
= Port A Address Fixed
Timing Byte
= Cycle Length = 4
WR Ends 1/2 Cycle Early = 0
RD Ends 1/2 Cycle Early = 0
MREQ Ends 1/2 Cycle Early = 0
0 = IORQ Ends 1/2 Cycle Early
00
00
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com