Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 192 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 192 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 188Page - Zilog, Inc. Z80 Datasheet HTML 189Page - Zilog, Inc. Z80 Datasheet HTML 190Page - Zilog, Inc. Z80 Datasheet HTML 191Page - Zilog, Inc. Z80 Datasheet HTML 192Page - Zilog, Inc. Z80 Datasheet HTML 193Page - Zilog, Inc. Z80 Datasheet HTML 194Page - Zilog, Inc. Z80 Datasheet HTML 195Page - Zilog, Inc. Z80 Datasheet HTML 196Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

Figure 81.
Write Register 5 Group
Figure 82.
Write Register 6 Group
D7 D6 D5 D4 D3 D2 D1 D0
Base Register Byte
0 = Ready Active Low
1 = Ready Active High
10
0
10
0 = StoponEnd-of-Block
1 = Auto Restart on End-of-Block
0 =CE Only
1 =CE/WAIT Multiplexed
D7 D6 D5 D4 D3 D2 D1 D0
Base Register Byte
0
1
11
1
=C3 = Reset
00
0
Hex Command Name
0
1
=C7=ResetPortA Timing
00
1
0
1
=C8=ResetPortB Timing
01
0
0
1
= CF = Load
01
1
0
1
= D3 = Continue
10
0
1
0
= AF = Disable Interrupts
01
1
1
0
= AB = Enable Interrupts
01
0
1
0
= A3 = Reset and Disable Interrupts
00
0
1
0
= B7 = Enable after RETI
10
1
1
0
= BF = Read Status Byte
11
1
0
0
= 8B = Reinitialize Status Byte
01
0
1
0
= A7 = Initialize Read Sequence
00
1
1
0
= B3= ForceReady
10
0
0
0
= 87 = Enable DMA
00
1
0
0
=83 = Disable DMA
00
0
1
0
= BB = Read Mask Follows
11
0
Base Register Byte
Status Byte
Byte Counter (Low Byte)
Byte Counter (High Byte)
Port A Address (Low Byte)
Port B Address (High Byte)
0
Port B Address (Low Byte)
Port A Address (High Byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com