Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 222 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 222 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 218Page - Zilog, Inc. Z80 Datasheet HTML 219Page - Zilog, Inc. Z80 Datasheet HTML 220Page - Zilog, Inc. Z80 Datasheet HTML 221Page - Zilog, Inc. Z80 Datasheet HTML 222Page - Zilog, Inc. Z80 Datasheet HTML 223Page - Zilog, Inc. Z80 Datasheet HTML 224Page - Zilog, Inc. Z80 Datasheet HTML 225Page - Zilog, Inc. Z80 Datasheet HTML 226Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Parallel Input/Output

Control Interface
A typical control mode application is illustrated in Figure 16. In this
example, an industrial process is to be monitored. The occurrence of any
abnormal operating condition is to be reported to a Z80 CPU-based control
system. The process control and status word has the following format:
The PIO may be used as follows. First, Port A is set for Mode 3 operation
by writing the following control word to Port A.
Whenever Mode 3 is selected, the next control word sent to the port must
be an I/O select word. In this example, port data lines A5, A3, and A0 are
selected as inputs, and the following control word is written:
Next, the appropriate interrupt vector must be loaded (refer to the Z80 CPU
User’s Manual for details):
An interrupt control word is next sent to the port:
The mask word following the interrupt mode word is:
D7
D6
D5
D4
D3
D0
Halt
Processing
D2
D1
Special
Test
Turn On
Power
Power
Failure Alarm
Temp.
Alarm
Turn On
Heaters
Pressurize
System
Pressure
Alarm
11
X
X
D7
D6
D5
D4
D3
D0
D2
D1
11
11
00
1
0
D7
D6
D5
D4
D3
D0
D2
D1
10
0
1
V5
V4
D7
D6
D5
D4
D3
D0
D2
D1
V3
V2
V1
0
V1
V6
Interrupt Control
11
D7
D6
D5
D4
D3
D0
D2
D1
01
11
10
Enable
Interrupts
OR
Logic
Active
High
Mask
Follows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com