Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 220 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 220 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 216Page - Zilog, Inc. Z80 Datasheet HTML 217Page - Zilog, Inc. Z80 Datasheet HTML 218Page - Zilog, Inc. Z80 Datasheet HTML 219Page - Zilog, Inc. Z80 Datasheet HTML 220Page - Zilog, Inc. Z80 Datasheet HTML 221Page - Zilog, Inc. Z80 Datasheet HTML 222Page - Zilog, Inc. Z80 Datasheet HTML 223Page - Zilog, Inc. Z80 Datasheet HTML 224Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Parallel Input/Output

If more than four PIO devices must be accommodated, a look-ahead struc-
ture may be used as shown in Figure 14. With this technique, more than
thirty PIOs may be chained together using standard TTL logic.
Figure 14.
A Method of Extending the Interrupt Priority Daisy-Chain
I/O Device Interface
In this example, the Z80 PIO is connected to an I/O terminal device, which
communicates over an 8-bit parallel bidirectional data bus as illustrated in
Figure 15. Mode 2 operation (bidirectional) is selected by sending the
following control word to Port A:
Next, the appropriate interrupt vector is loaded (refer to Z80 CPU User’s
Manual for details on the operation of the interrupt).
Z80
CPU
IEO
IEI
IEO
IEI
IEO
IEI
IEO
IEI
Data Bus
+V
PI0
PI0
PI0
PI0
IEO
IEI
IEO
IEI
IEO
IEI
IEO
IEI
PI0
PI0
PI0
PI0
Mode Control
XX
D7
D6
D5
D4
D3
D0
D2
D1
11
11
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com