Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 216 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 216 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 212Page - Zilog, Inc. Z80 Datasheet HTML 213Page - Zilog, Inc. Z80 Datasheet HTML 214Page - Zilog, Inc. Z80 Datasheet HTML 215Page - Zilog, Inc. Z80 Datasheet HTML 216Page - Zilog, Inc. Z80 Datasheet HTML 217Page - Zilog, Inc. Z80 Datasheet HTML 218Page - Zilog, Inc. Z80 Datasheet HTML 219Page - Zilog, Inc. Z80 Datasheet HTML 220Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Parallel Input/Output

When reading the PIO, the data returned to the CPU is composed of output
register data from port data lines assigned as outputs and input register data
from port data lines assigned as inputs. The input register contains data that
was present immediately prior to the falling edge of RD. See Figure 10.
An interrupt is generated if interrupts from the port are enabled and the
data on the port data lines satisfies the logical equation defined is not
generated until a change occurs in the status of the logical equation. A
Mode 3 interrupt is generated only when the result of a Mode 3 logical
operation changes from false to true. For example, Mode 3 logical equa-
tion is an OR function. An unmasked port data line becomes active and an
interrupt is requested. If a second unmasked port data line becomes active
concurrently with the first, a new interrupt is not requested because a
change in the result of the Mode 3 logical operation has not occurred.
If the result of a logical operation becomes true immediately prior to or
during M1 an interrupt is requested after the trailing edge of M1
Figure 10.
Control Mode (Mode 3) Timing
Φ
Data In
Data Word 1
Data Word 2
Data Match
Occurs Here
T1
T2
TW*T3
*Timing Diagram Refers to Bit Mode Read
D7–D0
RD
IORQ
INT
Port
Data Bus
Data Word 1Placedon Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com