Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 213 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 213 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 209Page - Zilog, Inc. Z80 Datasheet HTML 210Page - Zilog, Inc. Z80 Datasheet HTML 211Page - Zilog, Inc. Z80 Datasheet HTML 212Page - Zilog, Inc. Z80 Datasheet HTML 213Page - Zilog, Inc. Z80 Datasheet HTML 214Page - Zilog, Inc. Z80 Datasheet HTML 215Page - Zilog, Inc. Z80 Datasheet HTML 216Page - Zilog, Inc. Z80 Datasheet HTML 217Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Parallel Input/Output

If the PIO is not in a reset state, the output register may be loaded before
Mode 0 is selected. This allows the port output lines to become active in a
user-defined state.
Figure 7.
Mode 0 (Output) Timing
Input Mode (Mode 1)
Figure 8 illustrates the timing of an input cycle. The peripheral initiates this
cycleusing thestrobelineafter theCPU has performed adataread. A low
level on this line loads data to the port input register and the rising edge of
the strobe line activates the interrupt request line (INT)ifthe interrupt
enable is set and this is the highest priority requesting device. The next
falling edge of the clock line (
Φ) resets the Ready line to an inactive state,
signifying that the input register is full and further loading must be inhibited
until the CPU reads the data. The CPU, in the course of its interrupt service
routine, reads the data from the interrupting port. When this occurs, the
positive edge from the CPU RD signal raises the Ready line with the next
low going transition of
Φ, indicatingthat new data canbe loadedtothe
Strobe
Ready
WR*
Port Output
(8 Bits)
INT
WR*= RD • CE • C/D • IORQ
Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com