Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 209 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 209 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 205Page - Zilog, Inc. Z80 Datasheet HTML 206Page - Zilog, Inc. Z80 Datasheet HTML 207Page - Zilog, Inc. Z80 Datasheet HTML 208Page - Zilog, Inc. Z80 Datasheet HTML 209Page - Zilog, Inc. Z80 Datasheet HTML 210Page - Zilog, Inc. Z80 Datasheet HTML 211Page - Zilog, Inc. Z80 Datasheet HTML 212Page - Zilog, Inc. Z80 Datasheet HTML 213Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Parallel Input/Output

SelectingAnOperating Mode
PIO Port A allows operation in four modes: Mode 0 (output mode), Mode 1
(input mode), Mode 2 (bidirectional mode), and Mode 3 (control mode).
The mode numbers are assigned for mnemonic significance: 0 = Out,
1 = In, 2 = Bidirectional. Port B cannot operate in Mode 2.
The mode of operation must be established by writing a control word to the
PIO in the following format:
Listed in Table 1, Bits D7 and D6 form the binary code that designate mode
of operation:
Bits D5 and D4 are ignored. Bits D3-D0 must be set to 1111 to indicate
Set Mode.
Selecting Mode 0 enables any data written to the port output register by
the CPU to be enabled onto the port data bus. The output register contents
may be changed by writing a new data word to the port. Also, the current
contents of the output register may be read back to the Z80 CPU by
executing an input instruction.
When Mode 0 is active, a data write from the CPU causes the port’s
Ready handshake line to go High, thereby notifying the peripheral that
Table 1. PIO Mode Selection
D7
D6
Mode
0
0
0 (output)
0
1
1 (input)
1
0
2 (bidirectional)
11
3 (control)
Mode Word
M1
M0
X
X
Signifies Mode Word to be Set
D7
D6
D5
D4
D3
D0
D2
D1
11
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com