Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 45 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 45 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 41Page - Cypress Semiconductor S6J32BA Datasheet HTML 42Page - Cypress Semiconductor S6J32BA Datasheet HTML 43Page - Cypress Semiconductor S6J32BA Datasheet HTML 44Page - Cypress Semiconductor S6J32BA Datasheet HTML 45Page - Cypress Semiconductor S6J32BA Datasheet HTML 46Page - Cypress Semiconductor S6J32BA Datasheet HTML 47Page - Cypress Semiconductor S6J32BA Datasheet HTML 48Page - Cypress Semiconductor S6J32BA Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 45 of 179
S6J3200 Series
Type
Circuit
Remark
X
−
Sub oscillation I/O shared General-purpose I/O port
−
Output 1mA, 2mA or 5mA selectable
−
50kΩ with pull-up resistor control
−
50kΩ with pull-down resistor control
−
CMOS hysteresis input
−
Automotive hysteresis input
Y
−
General-purpose I/O port with LCDC COM/SEG output
−
Output 1mA, 2mA or 5mA selectable
−
50kΩ with pull-up resistor control
−
50kΩ with pull-down resistor control
−
CMOS hysteresis input
−
Automotive hysteresis input
−
TTL input
PSS/OSC control
OSC input
Pull-up control
Digital output
Digital output
Pull-down control
PSS/OSC control
Automotive input
PSS/OSC control
CMOS-hys input
Pull-up control
Digital output
Digital output
Pull-down control
PSS/OSC control
Automotive input
PSS/OSC control
CMOS-hys input
Pull-up control
Digital output
Digital output
Pull-down control
PSS control
Automotive input
PSS control
CMOS-hys input
LCDC COM/SEG
output
TTL input
PSS control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com