Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 12Page - Cypress Semiconductor S6J32BA Datasheet HTML 13Page - Cypress Semiconductor S6J32BA Datasheet HTML 14Page - Cypress Semiconductor S6J32BA Datasheet HTML 15Page - Cypress Semiconductor S6J32BA Datasheet HTML 16Page - Cypress Semiconductor S6J32BA Datasheet HTML 17Page - Cypress Semiconductor S6J32BA Datasheet HTML 18Page - Cypress Semiconductor S6J32BA Datasheet HTML 19Page - Cypress Semiconductor S6J32BA Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 16 of 179
S6J3200 Series
Feature
Description
Sound Mixer
The input channels of 0 - 4 are reserved for waveform generator.
Mixing different sampling frequency sounds.
Mixing Internal sounds and External I2S input sounds.
Saturating addition function for keeping sound quality.
Cut a specific frequency data by digital filter.
LPF is support by FIR filter.
Fade-in and Fade-out control.
PCM-PWM
Conversion of PCM audio streaming to Pulse Width Modulated signals.
Supports 2 output channels for stereo and mono data
Up to 16-bit output sample resolution
Support for half and full H-bridges
Audio DAC
The sound source of the fixed 48kHz sampling frequency can be outputted.
1unit, L/R channels support.
BTL connection is available.
I2S
2ch.
−
I2S0 can output sound sources which are processed by Sound System.
−
I2S1 can input sound sources which are processed by Sound System.
−
I2S has its own PPU, but the function is fixed to disable.
See the "Sound System Configuration" of S6J3200 hardware manual in detail.
Base Timer
See the platform manual in detail.
A unit consists of a pair of 16bit base timers. 12 units, that is, 24 channels of base timers are
available.
Reload Timer
See the platform manual in detail.
I/O Timer
See the platform manual in detail.
Quad Position & Revolution
Counter
(Up/Down Counter)
See the platform manual in detail.
Multi-functional Serial
(MFS)
See the platform manual in detail.
2 ports of MFS only support I
2C.
Note
−
Not all pins support I2C. Only pins which have the I2C I/O characteristics support it. See the datasheet in detail.
The availability of chip select function can be seen at Function Digit Table.
Chip Select Input is not supported.
CTS/RTS is not mounted (hardware flow control is not supported for this series.)
WUCR function is not supported for this product.
CAN-FD
Flexible data rate is supported.
16KB/ch of message RAM is available.
The clock output from CAN pre-scaler is supplied to every CAN. ECC error generation function of
the message RAM is not supported for this device. Therefore CAN FD ECC Error Insertion Control
Register (FDFECR) is not writeable.
See the platform manual in detail
Real Time Clock (RTC)
with Auto-calibration
See the platform manual in detail.
DDR High Speed SPI
ch.0: HSSPI as a MCU peripheral
ch.1: HSSPI on graphic subsystem
See the platform manual in detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com