Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 91 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 91 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 87Page - Cypress Semiconductor S6J32BA Datasheet HTML 88Page - Cypress Semiconductor S6J32BA Datasheet HTML 89Page - Cypress Semiconductor S6J32BA Datasheet HTML 90Page - Cypress Semiconductor S6J32BA Datasheet HTML 91Page - Cypress Semiconductor S6J32BA Datasheet HTML 92Page - Cypress Semiconductor S6J32BA Datasheet HTML 93Page - Cypress Semiconductor S6J32BA Datasheet HTML 94Page - Cypress Semiconductor S6J32BA Datasheet HTML 95Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 91 of 179
S6J3200 Series
8.4
AC Characteristics
8.4.1
Source Clock Timing
(Condition: See 8.2. Operation Assurance )
Parameter
Symbol
Pin
Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Source oscillation
clock frequency
FC
X0, X1
-
3.6
-
16
MHz
Source oscillation
clock cycle time
tCYL
X0, X1
-
250.0
-
277.8
ns
CAN PLL jitter
(when locked)
tPJ
-
-
-10
-
10
ns
Internal Slow CR
oscillation frequency
FCRS
-
-
50
100
150
kHz
Internal Fast CR
oscillation frequency
FCRF
-
-
2.40
4.00
5.61-
MHz
Before
trim
3.20
4.00
4.81
MHz
After trim
Notes:
−
The maximum/minimum values have been standardized with the main clock and PLL clock in use.
−
The error of source oscillator frequency must be smaller than 3000ppm.
−
Enough evaluation and adjustment are recommended using oscillator on your system board.
−
X0 and X1 clock timing
X0
tCYL
CAN PLL jitter
A time difference from the ideal clock is guaranteed for each cycle period within 20,000 cycles.
Ideal clock
Slow
Fast
PLL output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com