Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 83 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 83 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 79Page - Cypress Semiconductor S6J32BA Datasheet HTML 80Page - Cypress Semiconductor S6J32BA Datasheet HTML 81Page - Cypress Semiconductor S6J32BA Datasheet HTML 82Page - Cypress Semiconductor S6J32BA Datasheet HTML 83Page - Cypress Semiconductor S6J32BA Datasheet HTML 84Page - Cypress Semiconductor S6J32BA Datasheet HTML 85Page - Cypress Semiconductor S6J32BA Datasheet HTML 86Page - Cypress Semiconductor S6J32BA Datasheet HTML 87Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 83 of 179
S6J3200 Series
(Condition: See 8.2. Operation Assurance )
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Input leakage
current
IIL
P2_16, 17, 19, 22, 24 to
31,
P3_00 to 31,
P4_00 to 12, P4_25 to 31,
P5_00 to 20,
P6_02 to 31
VCC5=VCC53=DV
CC=
AVCC=5.5 V
VSS < VI < VCC
-5
-
+5
µA
5V pins
5V/3V
pins
P0_00 to 31,
P1_00 to 09,
P5_21, 22, 27 to 31,
P6_00, 01
VCC3=3.6 V
VSS < VI < VCC3
-10
-
+10
µA
3V pins
Pull-up
resistor
RUP1
RSTX, NMIX
-
25
50
100
kΩ
RUP2
P2_16, 17, 19, 22, 24 to
31,
P3_00 to 31,
P4_00 to 12, P4_25 to 31,
P5_00 to 20,
P6_02 to 31
Pull-up resistor
Selected
Vcc53 = 4.5V to
5.5V
25
50
100
kΩ
5V pins
5V/3V
pins
P4_25 to 31, P5_00 to 20
Pull-up resistor
Selected
Vcc53 = 3.0V to
3.6V
40
100
200
kΩ
5V/3V
pins
RUP3
P0_00 to 31,
P1_00 to 09,
P5_21, 22, 27 to 31,
P6_00, 01
Pull-up resistor
selected
17
33
66
kΩ
3V pins
RUP4
JTAG_TDI, JTAG_TMS,
JTAG_TCK
-
25
50
100
kΩ
Pull-down
resistor
Rdown1
P2_16, 17, 19, 22, 24 to
31,
P3_00 to 31,
P4_00 to 12, P4_25 to
31,P5_00 to 20,
P6_02 to 31
Pull-down resistor
Selected
Vcc53 = 4.5V to
5.5V
25
50
100
kΩ
5V pins
5V/3V
pins
P4_25 to 31,P5_00 to 20
Pull-down resistor
Selected
Vcc53 = 3.0V to
3.6V
40
100
200
kΩ
5V/3V
pins
Rdown2
P0_00 to 31,
P1_00 to 09,
P5_21, 22, 27 to 31,
P6_00, 01
Pull-down resistor
selected
17
33
66
kΩ
3V pins
Rdown3
JTAG_NTRST
-
25
50
100
kΩ
Input
capacitance
CIN1
P0_00 to 31,
P1_00 to 09,
P2_16, 17, 19, 22, 24 to
31,
P3_00 to 20, P4_25 to 31,
P5_00 to 20,
P5_21 22, 27 to 31,
P6_00 to 08, 17 to 26
-
-
5
15
pF
CIN2
P3_21 to 31,
P4_00 to 12,
P6_09 to 16
-
-
15
45
pF
When
using
SMC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com