Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 71 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 71 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 67Page - Cypress Semiconductor S6J32BA Datasheet HTML 68Page - Cypress Semiconductor S6J32BA Datasheet HTML 69Page - Cypress Semiconductor S6J32BA Datasheet HTML 70Page - Cypress Semiconductor S6J32BA Datasheet HTML 71Page - Cypress Semiconductor S6J32BA Datasheet HTML 72Page - Cypress Semiconductor S6J32BA Datasheet HTML 73Page - Cypress Semiconductor S6J32BA Datasheet HTML 74Page - Cypress Semiconductor S6J32BA Datasheet HTML 75Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 71 of 179
S6J3200 Series
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
"L"-level average output
current
*4
IOLAV1
-
1
mA
When setting is 1 mA
*6, *7, *8
IOLAV2
-
2
mA
When setting is 2 mA
*6, *7, *8, *9
IOLAV3
-
5
mA
When setting is 5 mA
*6, *7, *8, *9
IOLAV4
-
10
mA
When setting is 10 mA
*9
IOLAV5
-
20
mA
When setting is 20 mA
*9
IOLAV6
-
30
mA
When setting is 30mA
*7
IOLAV7
-
3
mA
When setting is 3mA
*10
IOLAV8
-
6
mA
When setting is 6mA
*11
"L"-level total output current
*5
ΣIOL1
-
50
mA
*6, *10
ΣIOL2
-
250
mA
*7
ΣIOL3
-
50
mA
*8
ΣIOL4
-
50
mA
*9, *11
"H"-level maximum output
current
*3
IOH1
-
-3.5
mA
When setting is 1 mA
*6, *7, *8
IOH2
-
-7
mA
When setting is 2 mA
*6, *7, *8, *9
IOH3
-
-10
mA
When setting is 5 mA
*6, *7, *8, *9
IOH4
-
-16
mA
When setting is 10 mA
*9
IOH5
-
-30
mA
When setting is 20 mA
*9
IOH6
-
-40
mA
When setting is 30mA
*7
IOH8
-
-11
mA
When setting is 6mA
*11
"H"-level average output
current
*4
IOHAV1
-
-1
mA
When setting is 1 mA
*6, *7, *8
IOHAV2
-
-2
mA
When setting is 2 mA
*6, *7, *8, *9
IOHAV3
-
-5
mA
When setting is 5 mA
*6, *7, *8, *9
IOHAV4
-
-10
mA
When setting is 10 mA
*9
IOHAV5
-
-20
mA
When setting is 20 mA
*9
IOHAV6
-
-30
mA
When setting is 30mA
*7
IOHAV8
-
-6
mA
When setting is 6mA
*11
"H"-level total output current
*5
ΣIOH1
-
-50
mA
*6, *10
ΣIOH2
-
-250
mA
*7
ΣIOH3
-
-50
mA
*8
ΣIOH4
-
-50
mA
*9, *11
Power dissipation and
Operation temperature Case 1
PD
-
3300
mW
-
TA
-40
+97
oC
Both should be satisfied.
TC
-40
+144
oC
Power dissipation and
Operation temperature Case 2
PD
-
3150
mW
-
TA
-40
+100
oC
Both should be satisfied.
TC
-40
+144
oC
Power dissipation and
Operation temperature Case 3
PD
-
3000
mW
-
TA
-40
+102
oC
Both should be satisfied.
TC
-40
+144
oC
Power dissipation and
Operation temperature Case 4
PD
-
2900
mW
-
TA
-40
+105
oC
Both should be satisfied.
TC
-40
+144
oC
Power dissipation and
Operation temperature Case 5
PD
-
2800
mW
-
TA
-40
+105
oC
Both should be satisfied.
TC
-40
+144
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com