Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 74 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 74 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 70Page - Cypress Semiconductor S6J32BA Datasheet HTML 71Page - Cypress Semiconductor S6J32BA Datasheet HTML 72Page - Cypress Semiconductor S6J32BA Datasheet HTML 73Page - Cypress Semiconductor S6J32BA Datasheet HTML 74Page - Cypress Semiconductor S6J32BA Datasheet HTML 75Page - Cypress Semiconductor S6J32BA Datasheet HTML 76Page - Cypress Semiconductor S6J32BA Datasheet HTML 77Page - Cypress Semiconductor S6J32BA Datasheet HTML 78Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 74 of 179
S6J3200 Series
8.2
Operation Assurance Condition
Parameter
Symbol
Value
Unit
Remarks
Power Supply
Corresponding
Ground
Min
Max
Supply voltage
VCC5
VSS
4.5
5.5
V
Specified electric
characteristics are
assured in this range.
VCC53
VSS
4.5
5.5
V
3.0
3.6
V
DVCC
DVSS
4.5
5.5
V
AVCC5
AVSS
4.5
5.5
V
VCC3
VSS
3.0
3.6
V
VCC12
VSS
1.15
*1
1.3
V
1.1
1.3
V
AVCC3_DAC
AVSS3_DAC
3.0
3.6
V
VCC3_LVDS_Tx
VSS3_LVDS_Tx
3.0
3.6
V
AVCC3_LVDS_PLL
AVSS3_LVDS_PLL
3.0
3.6
V
VCC5
VSS
3.5
5.5
V
Specified electric
characteristics are NOT
assured in this range.
VCC53
VSS
2.7
5.5
V
DVCC
DVSS
3.5
5.5
V
AVCC5
AVSS
3.5
5.5
V
VCC3
VSS
2.7
3.6
V
AVCC3_DAC
AVSS3_DAC
2.7
3.6
V
VCC3_LVDS_Tx
VSS3_LVDS_Tx
2.7
3.6
V
AVCC3_LVDS_PLL
AVSS3_LVDS_PLL
2.7
3.6
V
Smoothing capacitor
*2
CS
-
4.7
µF
Tolerance of up to ±40%
Operating temperature
TA
-
-40
+105
oC
See the notes below.
TC
-
-40
+144
oC
Notes:
−
*1. The value is only applied to the product series with revision digit A.
−
*2. For the connections of smoothing capacitor CS, see the following diagram.
−
Power supply sequence is recommended as VCC5
[DVCC or AVCC5 or VCC3 or AVCC3] VCC12
[AVCC3_LVDS_PLL or VCC3_LVDS_TX].
−
Note that power supplies inside "[ ]" can be turned on in arbitrary order.
C Pin Connection Diagram
CS
C
VSS
AVSS
DVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com