Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 8Page - Cypress Semiconductor S6J32BA Datasheet HTML 9Page - Cypress Semiconductor S6J32BA Datasheet HTML 10Page - Cypress Semiconductor S6J32BA Datasheet HTML 11Page - Cypress Semiconductor S6J32BA Datasheet HTML 12Page - Cypress Semiconductor S6J32BA Datasheet HTML 13Page - Cypress Semiconductor S6J32BA Datasheet HTML 14Page - Cypress Semiconductor S6J32BA Datasheet HTML 15Page - Cypress Semiconductor S6J32BA Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 12 of 179
S6J3200 Series
Function
TEQFP256
TEQFP216
TEQFP208
General Purpose I/O
P0_00, P0_01, P0_02,
P0_03, P0_04, P0_05,
P0_06, P0_07, P0_08,
P0_09, P0_10, P0_11,
P0_12, P0_13, P0_14,
P0_15, P0_16, P0_17,
P0_18, P0_19, P0_26,
P0_27, P0_28, P0_30,
P0_31, P1_00, P1_01,
P1_02, P1_03, P1_04,
P1_05, P1_06, P1_07,
P1_08, P1_09, P2_16,
P2_17, P2_19, P2_22,
P2_24, P2_25, P2_26,
P2_27, P2_28, P2_29,
P2_30, P2_31, P3_00,
P3_01, P3_02, P3_03,
P3_04, P3_05, P3_06,
P3_07, P3_08, P3_09,
P3_10, P3_11, P3_12,
P3_13, P3_14, P3_15,
P3_16, P3_17, P3_18,
P3_19, P3_20, P3_21,
P3_22, P3_23, P3_24,
P3_25, P3_26, P3_27,
P3_28, P3_29, P3_30,
P3_31, P4_00, P4_01,
P4_02, P4_03, P4_04,
P4_05, P4_06, P4_07,
P4_08, P4_09, P4_10,
P4_11, P4_12, P4_25,
P4_26, P4_27, P4_28,
P4_29, P4_30, P4_31,
P5_00, P5_01, P5_02,
P5_03, P5_04, P5_05,
P5_06, P5_07, P5_08,
P5_09, P5_10, P5_11,
P5_12, P5_13, P5_14,
P5_15, P5_16, P5_17,
P5_18, P5_19, P5_20,
P5_21, P5_22, P5_27,
P5_28, P5_29, P5_30,
P5_31, P6_00, P6_01,
P6_02, P6_03, P6_04,
P6_05, P6_06, P6_07,
P6_08, P6_09, P6_10,
P6_11, P6_12, P6_13,
P6_14, P6_15, P6_16,
P6_17, P6_18, P6_19,
P6_20, P6_21, P6_22,
P6_23, P6_24, P6_25,
P6_26
(154 ports)
P0_00, P0_01, P0_02,
P0_03, P0_04, P0_05,
P0_06, P0_07, P0_08,
P0_09, P0_10, P0_11,
P0_12, P0_13, P0_14,
P0_15, P0_16, P0_17,
P0_18, P0_19, P0_26,
P0_27, P0_28, P0_30,
P0_31, P1_00, P1_01,
P1_02, P1_03, P1_04,
P1_05, P1_06, P1_07,
P1_08, P1_09, P2_16,
P2_17, P2_19, P2_22,
P2_24, P2_25, P2_26,
P2_27, P2_28, P2_29,
P2_30, P2_31, P3_00,
P3_01, P3_02, P3_03,
P3_04, P3_05, P3_06,
P3_07, P3_08, P3_09,
P3_10, P3_11, P3_12,
P3_13, P3_14, P3_15,
P3_16, P3_17, P3_18,
P3_19, P3_20, P3_21,
P3_22, P3_23, P3_24,
P3_25, P3_26, P3_27,
P3_28, P3_29, P3_30,
P3_31, P4_00, P4_01,
P4_02, P4_03, P4_04,
P4_05, P4_06, P4_07,
P4_08, P4_09, P4_10,
P4_11, P4_12, P4_25,
P4_26, P4_27, P4_28,
P4_29, P4_30, P4_31,
P5_00, P5_01, P5_02,
P5_03, P5_04, P5_05,
P5_06, P5_07, P5_08,
P5_09, P5_10, P5_11,
P5_12, P5_13, P5_14,
P5_15, P5_16, P5_17,
P5_18, P5_19, P5_20,
P5_21, P5_22, P5_27,
P5_28, P5_29, P5_30,
P5_31, P6_00
(128 ports)
P0_00, P0_01, P0_04,
P0_05, P0_06, P0_07,
P0_08, P0_09, P0_10,
P0_11, P0_12, P0_13,
P0_14, P0_15, P0_16,
P0_17, P0_18, P0_19,
P0_26, P0_27, P0_28,
P0_30, P0_31, P1_00,
P1_01, P1_02, P1_03,
P1_04, P1_05, P1_06,
P1_07, P1_08, P1_09,
P2_16, P2_17, P2_19,
P2_22, P2_25, P2_26,
P2_27, P2_29, P2_30,
P2_31, P3_00, P3_01,
P3_02, P3_03, P3_04,
P3_05, P3_06, P3_07,
P3_08, P3_09, P3_12,
P3_13, P3_14, P3_15,
P3_16, P3_17, P3_18,
P3_21, P3_22, P3_23,
P3_24, P3_25, P3_26,
P3_27, P3_28, P3_29,
P3_30, P3_31, P4_00,
P4_01, P4_02, P4_03,
P4_04, P4_05, P4_06,
P4_07, P4_08, P4_09,
P4_10, P4_11, P4_12,
P4_25, P4_26, P4_27,
P4_28, P4_29, P4_30,
P4_31, P5_00, P5_01,
P5_02, P5_03, P5_04,
P5_05, P5_06, P5_07,
P5_08, P5_09, P5_10,
P5_11, P5_12, P5_13,
P5_14, P5_15, P5_16,
P5_17, P5_18, P5_19,
P5_20, P5_21, P5_22,
P5_27, P5_28, P5_29,
P5_30, P5_31, P6_00
(120 ports)
PPG triggered input
PPG0/1/2/3/4/5_TIN1,
PPG6/7/8/9/10/11_TIN
PPG0/1/2/3/4/5_TIN1,
PPG6/7/8/9/10/11_TIN
PPG6/7/8/9/10/11_TIN
Notes:
−
See multiplexed functions on pin assignment sheet.
−
The optional restriction will be added without notification.
−
TEQFP-256 is a package option under planning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com