Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 85 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 85 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 81Page - Cypress Semiconductor S6J32BA Datasheet HTML 82Page - Cypress Semiconductor S6J32BA Datasheet HTML 83Page - Cypress Semiconductor S6J32BA Datasheet HTML 84Page - Cypress Semiconductor S6J32BA Datasheet HTML 85Page - Cypress Semiconductor S6J32BA Datasheet HTML 86Page - Cypress Semiconductor S6J32BA Datasheet HTML 87Page - Cypress Semiconductor S6J32BA Datasheet HTML 88Page - Cypress Semiconductor S6J32BA Datasheet HTML 89Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 85 of 179
S6J3200 Series
(Condition: See 8.2. Operation Assurance )
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Output
Differential
Voltage
| VOD |
DSP0_DATAn+,
DSP0_DATAn-
n=0 to 11
BOOST=0 ( Drivability
2mA)
RL = 100 Ω
100
200
600
| mV |
BOOST=1 ( Drivability
4mA)
RL = 50 Ω
Output Offset
Voltage
VOS
BOOST=0 ( Drivability
2mA)
RL = 100 Ω
0.5
1.2
1.5
V
BOOST=1 ( Drivability
4mA)
RL = 50 Ω
V
RSDS N
Ground Level / 0V
V
OS
V
OH
V
OL
V
RSDS P
(V
RSDSN) - (VRSDSP)
0V Differential
+V
OD
-V
OD
Single Ended
Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com