Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 79 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 79 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 75Page - Cypress Semiconductor S6J32BA Datasheet HTML 76Page - Cypress Semiconductor S6J32BA Datasheet HTML 77Page - Cypress Semiconductor S6J32BA Datasheet HTML 78Page - Cypress Semiconductor S6J32BA Datasheet HTML 79Page - Cypress Semiconductor S6J32BA Datasheet HTML 80Page - Cypress Semiconductor S6J32BA Datasheet HTML 81Page - Cypress Semiconductor S6J32BA Datasheet HTML 82Page - Cypress Semiconductor S6J32BA Datasheet HTML 83Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 79 of 179
S6J3200 Series
8.3
DC Characteristics
8.3.1
Port Function Characteristics
(Condition: See 8.2. Operation Assurance )
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Typ
Max
"H" level
Input
voltage
VIH1
P4_25 to 31,
P5_00 to 20,
P6_20 to 26
CMOS hysteresis
input level is selected
0.7×VCC53
-
VCC53+0.3
V
VIH2
Automotive input level
is selected
0.8×VCC53
-
VCC53+0.3
V
VIH3
TTL
input level is selected
2.0
-
VCC53+0.3
V
VIH4
P2_16, 17, 19, 22,
24 to 31,
P3_00 to 31,
P4_00 to 12,
P6_02 to 19
CMOS hysteresis
input level is selected
0.7×VCC5
-
VCC5+0.3
V
*1
VIH5
Automotive input level
is selected
0.8×VCC5
-
VCC5+0.3
V
*1
VIH6
P2_25, 26,
P3_00, 01
TTL input level is
selected
2.0
-
VCC5+0.3
V
VIH7
RSTX
NMIX
-
0.7×VCC5
-
VCC5+0.3
V
VIH8
MD
-
0.7×VCC5
-
VCC5+0.3
V
VIH9
JTAG_NTRST
JTAG_TCK
JTAG_TDI
JTAG_TMS
-
2.3
-
VCC5+0.3
V
VIH10
P0_00 to 19, 26 to
28, 30, 31,
P1_00 to 09,
P5_21, 22, 27 to 31,
P6_00, 01
CMOS hysteresis
input level is selected
0.7×VCC3
-
VCC3+0.3
V
VIH11
P0_00 to 19, 30, 31,
P1_00 to 09,
P5_21, 22, 27 to 31,
P6_00, 01
TTL input level is
selected
2.0
-
VCC3+0.3
V
VIH12
P0_26 to 28
-
1.8
-
VCC3+0.3
V
MediaLB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com