Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 4Page - Cypress Semiconductor S6J32BA Datasheet HTML 5Page - Cypress Semiconductor S6J32BA Datasheet HTML 6Page - Cypress Semiconductor S6J32BA Datasheet HTML 7Page - Cypress Semiconductor S6J32BA Datasheet HTML 8Page - Cypress Semiconductor S6J32BA Datasheet HTML 9Page - Cypress Semiconductor S6J32BA Datasheet HTML 10Page - Cypress Semiconductor S6J32BA Datasheet HTML 11Page - Cypress Semiconductor S6J32BA Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 8 of 179
S6J3200 Series
2.2
Optional Function
2.2.1
Basic Option
The figure shows the optional function and the part number relations of the series.
Figure 2-1: Option and Part Number
S 6
J 3
2
0
0 H A A x
x
x
x
x
x
x
x
Ordering options 7 digit
Revision: Revision version
Digit
C
Support MCAN 3.0.1, RTC limitation
D
Support MCAN 3.2. (ISO Certification), RTC limitation
E
Support MCAN 3.0.1.
F
Support MCAN 3.2. (ISO Certification)
Option
Digit
SHE
S
ON
U
OFF
Pin count
Digit
Pin count
K
208 pin
L
216 pin
M
256 pin
Memory size
Digit
Program FLASH
Work FLASH
TC-RAM
VRAM
A
1088KB
64KB
1024KB
C
2112KB
128KB
2048KB
Function
See the function digit table.
Product series
Digit
Product type
2
Graphic SoC
Identifier: Automotive MCU
112KB
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com