Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 47 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 47 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 43Page - Cypress Semiconductor S6J32BA Datasheet HTML 44Page - Cypress Semiconductor S6J32BA Datasheet HTML 45Page - Cypress Semiconductor S6J32BA Datasheet HTML 46Page - Cypress Semiconductor S6J32BA Datasheet HTML 47Page - Cypress Semiconductor S6J32BA Datasheet HTML 48Page - Cypress Semiconductor S6J32BA Datasheet HTML 49Page - Cypress Semiconductor S6J32BA Datasheet HTML 50Page - Cypress Semiconductor S6J32BA Datasheet HTML 51Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 47 of 179
S6J3200 Series
6. Port Description
6.1
Port Description List
The table shows the port function of description which is supported. The port function which is not described in the table is not
supported for the product.
Port Name
Description
Package Pin Number
Remark
TEQFP208
TEQFP216
VCC12
+1.2V power supply pin
11, 28, 61,
85, 122,
123, 182,
183
11, 28, 63,
87, 128, 129,
190, 191
VCC5
+5.0V power supply pin
87, 104, 115,
157, 171
89, 108, 119,
163, 179
VCC3
+3.3V power supply pin
30, 43, 53,
65, 74, 81
30, 43, 55,
67, 76, 83
VCC53
+3.3V/+5.0V selection power supply pin
173, 185,
194, 208
181, 193,
202, 216
VCC3_LVDS_Tx
LVDS Tx power supply pin
14, 27
14, 27
VSS
GND
1, 10, 29,
42, 52, 62,
64, 71, 73,
80, 86, 105,
116, 124,
158, 172,
184, 195
1, 10, 29, 42,
54, 64, 66,
73, 75, 82,
88, 109, 120,
130, 164,
180, 192,
203
VSS_LVDS_Tx
LVDS Tx GND
15, 26
15, 26
AVCC3_DAC
Audio DAC power supply pin
6
6
AVCC3_LVDS_PLL
LVDS PLL power supply pin
13
13
AVSS_LVDS_PLL
LVDS PLL GND
12
12
AVCC5
A/D converter analog power supply pin
119
125
AVRH5
A/D converter upper limit reference
voltage pin
120
126
AVSS
A/D converter GND
2, 5, 9, 121
2, 5, 9, 127
DVCC
SMC large current port power supply pin
126, 136,
146,156
132, 142,
152,162
DVSS
SMC large current port GND
125, 135,
145,155
131, 141,
151, 161
X1
Main clock oscillator output pin
106
110
X0
Main clock oscillator input pin
107
111
X1A
Sub-clock oscillator output
169
177
X0A
Sub-clock oscillator input
170
178
NMIX
Non-maskable interrupt input pin
103
107
RSTX
External reset input pin
114
118
PSC_1
External Power Supply Control pin
88
90
MODE
Mode Pin
113
117
C
External capacity connection output pin
117
121
JTAG_NTRST
JTAG test reset input pin
108
112
JTAG_TDO
JTAG test data output pin
109
113
JTAG_TDI
JTAG test data input pin
110
114
JTAG_TCK
JTAG test clock input pin
111
115
JTAG_TMS
JTAG test mode state input pin
112
116
TRACE0
Trace data 0 output pin
96
100
TRACE1
Trace data 1 output pin
97
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com