Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 10Page - Cypress Semiconductor S6J32BA Datasheet HTML 11Page - Cypress Semiconductor S6J32BA Datasheet HTML 12Page - Cypress Semiconductor S6J32BA Datasheet HTML 13Page - Cypress Semiconductor S6J32BA Datasheet HTML 14Page - Cypress Semiconductor S6J32BA Datasheet HTML 15Page - Cypress Semiconductor S6J32BA Datasheet HTML 16Page - Cypress Semiconductor S6J32BA Datasheet HTML 17Page - Cypress Semiconductor S6J32BA Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 14 of 179
S6J3200 Series
Feature
Description
Standby Mode
See the platform manual in detail.
Standby mode with 5V single power supply is available.
Turning off the 3.3V supply and the external 1.2V supply in standby mode is available.
The long term pulse of the indicator PWM can be outputted during RTC Standby mode.
PLL / SSCG PLL
See the platform manual in detail.
Use case assumption is following.
−
PLL
 Sound system clock
 Sound frequency master clock
 Peripherals
 Display clock
 Trace clock
−
SSCG
 CPU core
 GDC core
 HyperBus
 DDR-HSSPI
Down spread mode is only supported and available.
External Interrupts
See the platform manual in detail.
NMI
See the platform manual in detail.
1 NMI pin.
Memory Protection
MPU16 AHB: See the platform manual in detail.
MPU for AXI: ch.0 (Supervise Ethernet)
MPU for AHB: ch.1 (Supervise Media LB)
Additional MPU for Graphic sub system, MediaLB and Ethernet AVB. They are described on the
chapter of MPU for AHB and MPU for AXI.
To configure Lock or Unlock for both MPUXn_UNLOCK and MPUHn_UNLOCK,
−
Lock: 0x112ABB56
−
Unlock: 0xACCABB56
Peripheral Protection
See the platform manual in detail.
Protected peripherals are described in the base address map.
Internal Memories
System RAM
See the platform manual in detail.
1 wait cycle is necessary for RAM read at over 160MHz.
No need to insert wait cycles for RAM write.
Internal Memories
TCRAM
See the platform manual in detail.
Internal Memories
Backup RAM
16KBytes
Backup RAM can only be operated in RUN mode (normal operation mode). In other mode the
memory content should be retained, but it cannot be operated. SLEEP control for Buckup RAM is
not supported and cannot be used.
Internal Memories
VRAM
ECC region is shared with user region.
Memory size available for user program become less when ECC is enabled.
User can define ECC enabled area and ECC disabled area.
Single error correction, double error detection (SECDED) ECC support per 32-bit word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com