Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 55 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 55 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 51Page - Cypress Semiconductor S6J32BA Datasheet HTML 52Page - Cypress Semiconductor S6J32BA Datasheet HTML 53Page - Cypress Semiconductor S6J32BA Datasheet HTML 54Page - Cypress Semiconductor S6J32BA Datasheet HTML 55Page - Cypress Semiconductor S6J32BA Datasheet HTML 56Page - Cypress Semiconductor S6J32BA Datasheet HTML 57Page - Cypress Semiconductor S6J32BA Datasheet HTML 58Page - Cypress Semiconductor S6J32BA Datasheet HTML 59Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 55 of 179
S6J3200 Series
Port Name
Description
Package Pin Number
Remark
TEQFP208
TEQFP216
ICU7_IN1
Input Capture 7 ch.1 input pin
56, 79, 95,
129, 188
58, 81, 99,
135, 196
ICU8_IN0
Input Capture 8 ch.0 input pin
57, 78, 96,
130, 189
59, 80, 100,
136, 197
ICU8_IN1
Input Capture 8 ch.1 input pin
58, 69, 97,
131, 190
60, 71, 101,
137, 198
ICU9_IN0
Input Capture 9 ch.0 input pin
59, 66, 98,
132, 191
61, 68, 102,
138, 199
ICU9_IN1
Input Capture 9 ch.1 input pin
31, 34, 68,
99, 133, 192
31, 34, 70,
103, 139,
200
ICU10_IN0
Input Capture 10 ch.0 input pin
35, 60, 67,
100, 134,
193
35, 62, 69,
104, 140,
201
ICU10_IN1
Input Capture 10 ch.1 input pin
36, 70, 101,
137, 196
36, 72, 105,
143, 204
ICU11_IN0
Input Capture 11 ch.0 input pin
37, 63, 102,
138, 197
37, 65, 106,
144, 205
ICU11_IN1
Input Capture 11 ch.1 input pin
38, 139,
160, 198
38, 145, 166,
206
SGA0
Sound generator ch.0 SGA output pin
90, 97, 164
93, 101, 172
SGA1
Sound generator ch.1 SGA output pin
91, 98, 165,
205
94, 102, 173,
213
SGA2
Sound generator ch.2 SGA output pin
100, 167
96, 104, 175
SGA3
Sound generator ch.3 SGA output pin
94, 118, 175
98, 122, 183
SGO0
Sound generator ch.0 SGO output pin
96, 163
92, 100, 171
SGO1
Sound generator ch.1 SGO output pin
92,99,166,2
06
95,103,174,2
14
SGO2
Sound generator ch.2 SGO output pin
93, 101, 168
97, 105, 176
SGO3
Sound generator ch.3 SGO output pin
95, 176
99, 123, 184
AN0(AL0)
PCM PWM ch.0 output pin
128, 175
134, 183
AN1(AL1)
PCM PWM ch.1 output pin
132, 179
138, 187
AP0(AH0)
PCM PWM ch.0 output pin
127, 174
133, 182
AP1(AH1)
PCM PWM ch.1 output pin
131, 178
137, 186
BN0(BL0)
PCM PWM ch.0 output pin
130, 177
136, 185
BN1(BL1)
PCM PWM ch.1 output pin
134, 181
140, 189
BP0(BH0)
PCM PWM ch.0 output pin
129, 176
135, 184
BP1(BH1)
PCM PWM ch.1 output pin
133, 180
139, 188
I2S0_ECLK
I2S external clock ch.0 input pin
50
52
I2S1_ECLK
I2S external clock ch.1 input pin
56
58
I2S0_SCK
I2S continuous serial clock ch.0 pin
55
57
I2S1_SCK
I2S continuous serial clock ch.1 pin
59
61
I2S0_SD
I2S serial data ch.0 pin
51
53
I2S1_SD
I2S serial data ch.1 pin
57
59
I2S0_WS
I2S word select ch.0 pin
54
56
I2S1_WS
I2S word select ch.1 pin
58
60
C_L
Audio DAC external capacity connection
output pin (L)
8
8
C_R
Audio DAC external capacity connection
output pin (R)
4
4
DAC_L
Audio DAC output pin (L)
7
7
DAC_R
Audio DAC output pin (R)
3
3
FRT0/1/2/3_TEXT
Free-run timer ch.0/1/2/3 clock input pin
160
166
FRT4/5/6/7_TEXT
Free-run timer ch.4/5/6/7 clock input pin
166
174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com