Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 72 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 72 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 68Page - Cypress Semiconductor S6J32BA Datasheet HTML 69Page - Cypress Semiconductor S6J32BA Datasheet HTML 70Page - Cypress Semiconductor S6J32BA Datasheet HTML 71Page - Cypress Semiconductor S6J32BA Datasheet HTML 72Page - Cypress Semiconductor S6J32BA Datasheet HTML 73Page - Cypress Semiconductor S6J32BA Datasheet HTML 74Page - Cypress Semiconductor S6J32BA Datasheet HTML 75Page - Cypress Semiconductor S6J32BA Datasheet HTML 76Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 72 of 179
S6J3200 Series
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
System Thermal Resistance
Theta j-a
-
16
oC/W
The minimum value depends
on the system specification of
heat radiation. The described
value is estimated under the
condition which is specified at
Operation Assurance
Condition.
Package Thermal Resistance
Theta j-c
-
7.5
oC/W
-
Storage temperature
Tstg
-55
+150
oC
-
*1:
These parameters are based on the condition that VSS=AVSS=DVSS=0.0 V.
*2:
Take care that DVCC, AVCC5 do not exceed VCC5 at, for example, the power-on time.
*3:
The maximum output current is defined as the value of the peak current flowing through any
one of the corresponding pins.
*4:
The average output current is defined as the value of the average current flowing through any
one of the corresponding pins for a 10 ms period. The average value is the operation current ×
the operation ratio.
*5:
The total output current is defined as the maximum current value flowing through all of
corresponding pins.
*6:
Output of 5V pins.
*7:
Output of SMC pins.
*8:
Output of 5V/3V pins.
*9:
Output of 3V pins.
*10: Output of I
2C.
*11: Output of Media LB pins
*12: VI or VO should never exceed the specified ratings. However, if the maximum current to/from
an input is limited by a suitable external resistor, the ICLAMP rating supersedes the VI rating.
*A: Relevant pins: All general-purpose ports and analog input pins
• Corresponding pins : all general-purpose ports
• Use within the operation assurance condition (See 8.2. Operation Assurance ).
• Use at DC voltage (current).
• The +B signal should always be applied by connecting a limiting resistor between the +B signal and the microcontroller.
• The value of the limiting resistor should be set so that the current input to the microcontroller pin does not exceed rated values
at any time regardless of instantaneously or constantly when the +B signal is input.
• Note that when the microcontroller drive current is low, such as in the low power consumption modes, the + B input potential
can increase the potential at the VCC pin via a protective diode, possibly affecting other devices.
• Note that if the + B signal is input when the microcontroller is off (not fixed at 0 V), since the power is supplied through the pin,
the microcontroller may operate incompletely.
• Note that if the +B signal is input at power-on, since the power is supplied through the pin, the power-on reset may not function
in the power supply voltage.
• Do not leave + B input pins open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com