Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 99 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 99 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 95Page - Cypress Semiconductor S6J32BA Datasheet HTML 96Page - Cypress Semiconductor S6J32BA Datasheet HTML 97Page - Cypress Semiconductor S6J32BA Datasheet HTML 98Page - Cypress Semiconductor S6J32BA Datasheet HTML 99Page - Cypress Semiconductor S6J32BA Datasheet HTML 100Page - Cypress Semiconductor S6J32BA Datasheet HTML 101Page - Cypress Semiconductor S6J32BA Datasheet HTML 102Page - Cypress Semiconductor S6J32BA Datasheet HTML 103Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 99 of 179
S6J3200 Series
8.4.6
Multi-Function Serial
8.4.6.1
UART (Asynchronous Serial Interface) Timing (SMR:MD2-0=0b000, 0b001)
(1) External Clock Selected (BGR:EXT=1)
(Condition: See 8.2. Operation Assurance )
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Max
Serial clock
"L" pulse width
tSLSH
SCK0 to
SCK4,
SCK8 to
SCK12
(CL = 50pF,
IOL=-2mA,
IOH=2mA),
(CL=20pF,
IOL=-1mA,
IOH=1mA)
tCLK_LCPnA
*1
+10
-
ns
SCK16 to
SCK17
tCLK_COMP
+10
-
ns
Serial clock
"H" pulse width
tSHSL
SCK0 to
SCK4,
SCK8 to
SCK12
tCLK_LCPnA
*1
+10
-
ns
SCK16 to
SCK17
tCLK_COMP
+10
-
ns
SCK falling time
tF
SCK0 to
SCK4,
SCK8 to
SCK12,
SCK16 to
SCK17
-
5
ns
SCK rising time
tR
-
5
ns
*1: n=0:ch.0 to ch.4, n=1:ch.8 to ch.12
External clock selected
External clock selected
SCK
tSHSL
VIL
VIH
VIH
tR
tSLSH
tF
VIL
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com