Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 103 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 103 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 99Page - Cypress Semiconductor S6J32BA Datasheet HTML 100Page - Cypress Semiconductor S6J32BA Datasheet HTML 101Page - Cypress Semiconductor S6J32BA Datasheet HTML 102Page - Cypress Semiconductor S6J32BA Datasheet HTML 103Page - Cypress Semiconductor S6J32BA Datasheet HTML 104Page - Cypress Semiconductor S6J32BA Datasheet HTML 105Page - Cypress Semiconductor S6J32BA Datasheet HTML 106Page - Cypress Semiconductor S6J32BA Datasheet HTML 107Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 103 of 179
S6J3200 Series
(2) Normal Synchronous Transfer (SCR:SPI=0) and Mark Level "L" of Serial Clock Output (SMR:SCINV=1)
(Condition: See 8.2. Operation Assurance )
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Max
Serial clock
cycle time
tSCYC
SCK0 to SCK4,
SCK8 to SCK12
Master
Mode
(CL = 50pF,
IOL=-2mA,
IOH=2mA),
(CL=20pF,
IOL=-1mA,
IOH=1mA)
6tCLK_LCPnA
*1
-
ns
SCK16 to SCK17
3tCLK_COMP
-
ns
SCK ↑ → SOT
delay time
tSHOVI
SCK0 to SCK4,
SCK8 to SCK12,
SCK16 to SCK17
SOT0 to SOT4,
SOT8 to SOT12,
SOT16 to SOT17
-15
+15
ns
Valid SIN → SCK ↓
setup time
tIVSLI
SCK0 to SCK4,
SCK8 to SCK12,
SCK16 to SCK17
SIN0 to SIN4,
SIN8 to SIN12,
SIN16 to SIN17
20
-
ns
SCK ↓ → Valid SIN
hold time
tSLIXI
0
-
ns
Serial clock
"H" pulse width
tSHSL
SCK0 to SCK4,
SCK8 to SCK12
SCK16 to SCK17
Slave
Mode
(CL=50pF,
IOL=-2mA,
IOH=2mA),
(CL=20pF,
IOL=-1mA,
IOH=1mA)
tCLK_LCPnA
*1 -5
-
ns
tCLK_COMP -5
-
ns
Serial clock
"L" pulse width
tSLSH
SCK0 to SCK4,
SCK8 to SCK12
SCK16 to SCK17
2tCLK_LCPnA
*1
-5
-
ns
2tCLK_COMP -5
-
ns
SCK ↑ → SOT
delay time
tSHOVE
SCK0 to SCK4,
SCK8 to SCK12,
SCK16 to SCK17
SOT0 to SOT4,
SOT8 to SOT12,
SOT16 to SOT17
-
20
ns
Valid SIN → SCK ↓
setup time
tIVSLE
SCK0 to SCK4,
SCK8 to SCK12,
SCK16 to SCK17
SIN0 to SIN4,
SIN8 to SIN12,
SIN16 to SIN17
10
-
ns
SCK ↓ → Valid SIN
hold time
tSLIXE
10
-
ns
SCK falling time
tF
SCK0 to SCK4,
SCK8 to SCK12,
SCK16 to SCK17
-
5
ns
SCK rising time
tR
SCK0 to SCK4,
SCK8 to SCK12,
SCK16 to SCK17
-
5
ns
*1: n=0:ch.0 to ch.4, n=1:ch.8 to ch.12
Notes:
−
This table provides the alternate current standard for CLK synchronous mode.
−
CL is the load capability value connected to the pin at the test time.
−
The maximum baud rate is limited by the internal operating clock used and other parameters.
For details, see the hardware manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com