Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 57 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 57 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 53Page - Cypress Semiconductor S6J32BA Datasheet HTML 54Page - Cypress Semiconductor S6J32BA Datasheet HTML 55Page - Cypress Semiconductor S6J32BA Datasheet HTML 56Page - Cypress Semiconductor S6J32BA Datasheet HTML 57Page - Cypress Semiconductor S6J32BA Datasheet HTML 58Page - Cypress Semiconductor S6J32BA Datasheet HTML 59Page - Cypress Semiconductor S6J32BA Datasheet HTML 60Page - Cypress Semiconductor S6J32BA Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 57 of 179
S6J3200 Series
Port Name
Description
Package Pin Number
Remark
TEQFP208
TEQFP216
MDC
Ethernet pin
31
31
MDIO
Ethernet pin
32
32
MLBCLK
MediaLB pin
84
86
MLBDAT
MediaLB pin
82
84
MLBSIG
MediaLB pin
83
85
TxCLK-
LVDS clock output pin
21
21
Described as
TXOUT4M in FPD-Link
Converter
TxCLK+
LVDS clock output pin
20
20
Described as
TXOUT4P in FPD-Link
Converter
TxDOUT0-
LVDS data output pin
25
25
Described as
TXOUT0M in FPD-Link
Converter
TxDOUT0+
LVDS data output pin
24
24
Described as
TXOUT0P in FPD-Link
Converter
TxDOUT1-
LVDS data output pin
23
23
Described as
TXOUT1M in FPD-Link
Converter
TxDOUT1+
LVDS data output pin
22
22
Described as
TXOUT1P in FPD-Link
Converter
TxDOUT2-
LVDS data output pin
19
19
Described as
TXOUT2M in FPD-Link
Converter
TxDOUT2+
LVDS data output pin
18
18
Described as
TXOUT2P in FPD-Link
Converter
TxDOUT3-
LVDS data output pin
17
17
Described as
TXOUT3M in FPD-Link
Converter
TxDOUT3+
LVDS data output pin
16
16
Described as
TXOUT3P in FPD-Link
Converter
G_SCLK0
Graphic HS-SPI clock output pin
72
74
G_SDATA0_0
Graphic HS-SPI0 data 0 pin
75
77
G_SDATA0_1
Graphic HS-SPI0 data 1 pin
77
79
G_SDATA0_2
Graphic HS-SPI0 data 2 pin
76
78
G_SDATA0_3
Graphic HS-SPI0 data 3 pin
79
81
G_SDATA1_0
Graphic HS-SPI1 data 0 pin
66
68
G_SDATA1_1
Graphic HS-SPI1 data 1 pin
68
70
G_SDATA1_2
Graphic HS-SPI1 data 2 pin
67
69
G_SDATA1_3
Graphic HS-SPI1 data 3 pin
70
72
G_SSEL0
Graphic HS-SPI0 select output pin
78
80
G_SSEL1
Graphic HS-SPI1 select output pin
69
71
G_CK_1
Hyper Bus 1 clock output pin
63
65
G_CS#1_1
Hyper Bus 1 select 1 output pin
70
72
G_CS#2_1
Hyper Bus 1 select 2 output pin
75
77
G_DQ0_1
Hyper Bus 1 Data 0 pin
69
71
G_DQ1_1
Hyper Bus 1 Data 1 pin
68
70
G_DQ2_1
Hyper Bus 1 Data 2 pin
67
69
G_DQ3_1
Hyper Bus 1 Data 3 pin
66
68
G_DQ4_1
Hyper Bus 1 Data 4 pin
76
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com