Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 89 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 89 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 85Page - Cypress Semiconductor S6J32BA Datasheet HTML 86Page - Cypress Semiconductor S6J32BA Datasheet HTML 87Page - Cypress Semiconductor S6J32BA Datasheet HTML 88Page - Cypress Semiconductor S6J32BA Datasheet HTML 89Page - Cypress Semiconductor S6J32BA Datasheet HTML 90Page - Cypress Semiconductor S6J32BA Datasheet HTML 91Page - Cypress Semiconductor S6J32BA Datasheet HTML 92Page - Cypress Semiconductor S6J32BA Datasheet HTML 93Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 89 of 179
S6J3200 Series
This characteristics is specified for the series with the function digit A, B, C, and D.
(Condition: See 8.2. Operation Assurance )
Symbol
Pin
Name
Conditions
Value
Unit
TA (
oC)
Remark
Typ
Max
ICCT5
VCC5
4MHz Crystal for Main Oscillator
PD1=ON, PD4_0=ON, PD4_1=ON
350
650
µA
25
-
4MHz Crystal for Main Oscillator
PD1=ON, PD4_0 or PD4_1=ON
345
615
µA
25
*1
4MHz Crystal for Main Oscillator
PD1=ON
340
590
µA
25
*1
8MHz Crystal for Main Oscillator
PD1=ON, PD4_0=ON, PD4_1=ON
450
775
µA
25
-
8MHz Crystal for Main Oscillator
PD1=ON, PD4_0 or PD4_1=ON
445
750
µA
25
*1
8MHz Crystal for Main Oscillator
PD1=ON
440
725
µA
25
*1
32kHz Crystal for Sub Oscillator
PD1=ON, PD4_0=ON, PD4_1=ON
85
345
µA
25
-
32kHz Crystal for Sub Oscillator
PD1=ON, PD4_0 or PD4_1=ON
80
320
µA
25
*1
32kHz Crystal for Sub Oscillator
PD1=ON
75
295
µA
25
*1
Notes:
−
The values will be evaluated after engineering samples release.
−
As for *1 the operation of shutting down PD4_0, or PD4_1, or both is now not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com