Electronic Components Datasheet Search
  English  ▼

X  

S6J32BA Datasheet(PDF) 95 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 95 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 91Page - Cypress Semiconductor S6J32BA Datasheet HTML 92Page - Cypress Semiconductor S6J32BA Datasheet HTML 93Page - Cypress Semiconductor S6J32BA Datasheet HTML 94Page - Cypress Semiconductor S6J32BA Datasheet HTML 95Page - Cypress Semiconductor S6J32BA Datasheet HTML 96Page - Cypress Semiconductor S6J32BA Datasheet HTML 97Page - Cypress Semiconductor S6J32BA Datasheet HTML 98Page - Cypress Semiconductor S6J32BA Datasheet HTML 99Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 95 of 179
S6J3200 Series
−
Operation assurance range
Relationship between the internal clock frequency and supply voltage
Note: CPU will be reset, when the power supply voltage is equal to or less than LVD setting voltage.
5.5
4.5
3.5
2
4
Maximum frequency
of each clock
Frequency [MHz]
Power supply VCC5 [V]
1.3
1.2
1.15
2
4
Maximum frequency
of each clock
Frequency [MHz]
Power supply VCC12 [V]
Recommended guaranteed
operation range
Guaranteed
operation range
PLL guaranteed
operation range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com